Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 97 Page - Intel Corporation

Part # E6000
Description  Intel Core2 Extreme Processor
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 97 Page - Intel Corporation

Back Button E6000 Datasheet HTML 93Page - Intel Corporation E6000 Datasheet HTML 94Page - Intel Corporation E6000 Datasheet HTML 95Page - Intel Corporation E6000 Datasheet HTML 96Page - Intel Corporation E6000 Datasheet HTML 97Page - Intel Corporation E6000 Datasheet HTML 98Page - Intel Corporation E6000 Datasheet HTML 99Page - Intel Corporation E6000 Datasheet HTML 100Page - Intel Corporation E6000 Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
Datasheet
97
Features
points. It alters the performance of the processor by changing the bus to core
frequency ratio and voltage. This allows the processor to run at different core
frequencies and voltages to best serve the performance and power requirements of the
processor and system. The processor has hardware logic that coordinates the
requested voltage (VID) between the processor cores. The highest voltage that is
requested for either of the processor cores is selected for that processor package. Note
that the front side bus is not altered; only the internal core frequency is changed. To
run at reduced power consumption, the voltage is altered in step with the bus ratio.
The following are key features of Enhanced Intel SpeedStep® Technology:
• Multiple voltage/frequency operating points provide optimal performance at
reduced power consumption.
• Voltage/frequency selection is software controlled by writing to processor MSRs
(Model Specific Registers), thus eliminating chipset dependency.
— If the target frequency is higher than the current frequency, VCC is incremented
in steps (+12.5 mV) by placing a new value on the VID signals and the
processor shifts to the new frequency. Note that the top frequency for the
processor can not be exceeded.
— If the target frequency is lower than the current frequency, the processor shifts
to the new frequency and VCC is then decremented in steps (-12.5 mV) by
changing the target VID through the VID signals.
§ §



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com