Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 35 Page - Intel Corporation

Part # E6000
Description  Intel Core2 Extreme Processor
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 35 Page - Intel Corporation

Back Button E6000 Datasheet HTML 31Page - Intel Corporation E6000 Datasheet HTML 32Page - Intel Corporation E6000 Datasheet HTML 33Page - Intel Corporation E6000 Datasheet HTML 34Page - Intel Corporation E6000 Datasheet HTML 35Page - Intel Corporation E6000 Datasheet HTML 36Page - Intel Corporation E6000 Datasheet HTML 37Page - Intel Corporation E6000 Datasheet HTML 38Page - Intel Corporation E6000 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 118 page
background image
Datasheet
35
Package Mechanical Specifications
3
Package Mechanical
Specifications
The processor is packaged in a Flip-Chip Land Grid Array (FC-LGA6) package that
interfaces with the motherboard via an LGA775 socket. The package consists of a
processor core mounted on a substrate land-carrier. An integrated heat spreader (IHS)
is attached to the package substrate and core and serves as the mating surface for
processor component thermal solutions, such as a heatsink. Figure 7 shows a sketch of
the processor package components and how they are assembled together. Refer to the
LGA775 Socket Mechanical Design Guide for complete details on the LGA775 socket.
The package components shown in Figure 7 include the following:
• Integrated Heat Spreader (IHS)
• Thermal Interface Material (TIM)
• Processor core (die)
• Package substrate
• Capacitors
NOTE:
1.
Socket and System Board are included for reference and are not part of processor
package.
3.1
Package Mechanical Drawing
The package mechanical drawings are shown in Figure 8 and Figure 9. The drawings
include dimensions necessary to design a thermal solution for the processor. These
dimensions include:
• Package reference with tolerances (total height, length, width, etc.)
• IHS parallelism and tilt
• Land dimensions
• Top-side and back-side component keep-out dimensions
• Reference datums
• All drawing dimensions are in mm [in].
• Guidelines on potential IHS flatness variation with socket load plate actuation and
installation of the cooling solution is available in the processor Thermal and
Mechanical Design Guidelines.
Figure 7.
Processor Package Assembly Sketch
System Board
LGA775 Socket
Capacitors
TIM
Core (die)
IHS
Substrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com