Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 30 Page - Intel Corporation

Part # E6000
Description  Intel Core2 Extreme Processor
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 30 Page - Intel Corporation

Back Button E6000 Datasheet HTML 26Page - Intel Corporation E6000 Datasheet HTML 27Page - Intel Corporation E6000 Datasheet HTML 28Page - Intel Corporation E6000 Datasheet HTML 29Page - Intel Corporation E6000 Datasheet HTML 30Page - Intel Corporation E6000 Datasheet HTML 31Page - Intel Corporation E6000 Datasheet HTML 32Page - Intel Corporation E6000 Datasheet HTML 33Page - Intel Corporation E6000 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 118 page
background image
Electrical Specifications
30
Datasheet
2.7.7
Phase Lock Loop (PLL) and Filter
An on-die PLL filter solution will be implemented on the processor. The VCCPLL input is
used for the PLL. Refer to Table 5 for DC specifications.
2.7.8
BCLK[1:0] Specifications (CK505 based Platforms)
Table 16.
BSEL[2:0] Frequency Table for BCLK[1:0]
BSEL2
BSEL1
BSEL0
FSB Frequency
L
L
L
266 MHz
LL
H
RESERVED
LH
H
RESERVED
L
H
L
200 MHz
HH
L
RESERVED
HH
H
RESERVED
HL
H
RESERVED
H
L
L
333 MHz
Table 17.
Front Side Bus Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit Figure Notes1
NOTES:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VL
Input Low Voltage
-0.30
N/A
N/A
V
3
2
2. "Steady state" voltage, not including overshoot or undershoot.
VH
Input High Voltage
N/A
N/A
1.15
V
3
2
VCROSS(abs) Absolute Crossing Point
0.300
N/A
0.550
V
3, 4
3, 4, 5
3. Crossing voltage is defined as the instantaneous voltage value when the rising edge of BCLK0
equals the falling edge of BCLK1.
4. VHavg is the statistical average of the VH measured by the oscilloscope.
5. The crossing point must meet the absolute and relative crossing point specifications
simultaneously.
ΔVCROSS
Range of Crossing Points
N/A
N/A
0.140
V
3, 4
4
VOS
Overshoot
N/A
N/A
1.4
V
3
6
6. Overshoot is defined as the absolute value of the maximum voltage. Undershoot is defined as
the absolute value of the minimum voltage.
VUS
Undershoot
-0.300
N/A
N/A
V
3
6
VSWING
Differential Output Swing
0.300
N/A
N/A
V
5
7
7. Measurement taken from differential waveform.
ILI
Input Leakage Current
-5
N/A
5
μA
Cpad
Pad Capacitance
.95
1.2
1.45
pF
8
8. Cpad includes die capacitance only. No package parasitics are included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com