Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 40 Page - Intel Corporation

Part # E6000
Description  Intel Core2 Extreme Processor
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 40 Page - Intel Corporation

Back Button E6000 Datasheet HTML 36Page - Intel Corporation E6000 Datasheet HTML 37Page - Intel Corporation E6000 Datasheet HTML 38Page - Intel Corporation E6000 Datasheet HTML 39Page - Intel Corporation E6000 Datasheet HTML 40Page - Intel Corporation E6000 Datasheet HTML 41Page - Intel Corporation E6000 Datasheet HTML 42Page - Intel Corporation E6000 Datasheet HTML 43Page - Intel Corporation E6000 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 118 page
background image
Package Mechanical Specifications
40
Datasheet
3.1.4
Package Insertion Specifications
The processor can be inserted into and removed from a LGA775 socket 15 times. The
socket should meet the LGA775 requirements detailed in the LGA775 Socket
Mechanical Design Guide.
3.1.5
Processor Mass Specification
The typical mass of the processor is 21.5 g [0.76 oz]. This mass [weight] includes all
the components that are included in the package.
3.1.6
Processor Materials
Table 22 lists some of the package components and associated materials.
3.1.7
Processor Markings
Figure 11 through Figure 15show the topside markings on the processor. The diagrams
are to aid in the identification of the processor.
Table 22.
Processor Materials
Component
Material
Integrated Heat Spreader (IHS)
Nickel Plated Copper
Substrate
Fiber Reinforced Resin
Substrate Lands
Gold Plated Copper
Figure 11.
Processor Top-Side Markings Example for the Intel® Core™2 Duo Desktop
Processor E6000 Series with 4 MB L2 Cache with 1333 MHz FSB
ATPO
S/N
INTEL
©'05 E6850
INTEL® CORE™2 DUO
SLxxx [COO]
3.00GHZ/4M/1333/06
[FPO]
M
e4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com