Electronic Components Datasheet Search
  English  ▼

X  

420 Datasheet(PDF) 68 Page - Intel Corporation

Part # 420
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

420 Datasheet(HTML) 68 Page - Intel Corporation

Back Button 420 Datasheet HTML 64Page - Intel Corporation 420 Datasheet HTML 65Page - Intel Corporation 420 Datasheet HTML 66Page - Intel Corporation 420 Datasheet HTML 67Page - Intel Corporation 420 Datasheet HTML 68Page - Intel Corporation 420 Datasheet HTML 69Page - Intel Corporation 420 Datasheet HTML 70Page - Intel Corporation 420 Datasheet HTML 71Page - Intel Corporation 420 Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
Land Listing and Signal Descriptions
68
Datasheet
D[63:0]#
Input/
Output
D[63:0]# (Data) are the data signals. These signals provide a 64-bit
data path between the processor FSB agents, and must connect the
appropriate pins/lands on all such agents. The data driver asserts
DRDY# to indicate a valid data transfer.
D[63:0]# are quad-pumped signals and will, thus, be driven four
times in a common clock period. D[63:0]# are latched off the falling
edge of both DSTBP[3:0]# and DSTBN[3:0]#. Each group of 16
data signals correspond to a pair of one DSTBP# and one DSTBN#.
The following table shows the grouping of data signals to data
strobes and DBI#.
Furthermore, the DBI# signals determine the polarity of the data
signals. Each group of 16 data signals corresponds to one DBI#
signal. When the DBI# signal is active, the corresponding data
group is inverted and therefore sampled active high.
DBI[3:0]#
Input/
Output
DBI[3:0]# (Data Bus Inversion) are source synchronous and
indicate the polarity of the D[63:0]# signals.The DBI[3:0]# signals
are activated when the data on the data bus is inverted. If more
than half the data bits, within a 16-bit group, would have been
asserted electrically low, the bus agent may invert the data bus
signals for that particular sub-phase for that 16-bit group.
DBR#
Output
DBR# (Debug Reset) is used only in processor systems where no
debug port is implemented on the system board. DBR# is used by a
debug port interposer so that an in-target probe can drive system
reset. If a debug port is implemented in the system, DBR# is a no
connect in the system. DBR# is not a processor signal.
DBSY#
Input/
Output
DBSY# (Data Bus Busy) is asserted by the agent responsible for
driving data on the processor FSB to indicate that the data bus is in
use. The data bus is released after DBSY# is de-asserted. This
signal must connect the appropriate pins/lands on all processor FSB
agents.
Table 25.
Signal Description ( (Sheet 3 of 9))
Name
Type
Description
Quad-Pumped Signal Groups
Data Group
DSTBN#/
DSTBP#
DBI#
D[15:0]#
0
0
D[31:16]#
1
1
D[47:32]#
2
2
D[63:48]#
3
3
DBI[3:0] Assignment To Data Bus
Bus Signal
Data Bus Signals
DBI3#
D[63:48]#
DBI2#
D[47:32]#
DBI1#
D[31:16]#
DBI0#
D[15:0]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com