Electronic Components Datasheet Search
  English  ▼

X  

420 Datasheet(PDF) 89 Page - Intel Corporation

Part # 420
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

420 Datasheet(HTML) 89 Page - Intel Corporation

Back Button 420 Datasheet HTML 85Page - Intel Corporation 420 Datasheet HTML 86Page - Intel Corporation 420 Datasheet HTML 87Page - Intel Corporation 420 Datasheet HTML 88Page - Intel Corporation 420 Datasheet HTML 89Page - Intel Corporation 420 Datasheet HTML 90Page - Intel Corporation 420 Datasheet HTML 91Page - Intel Corporation 420 Datasheet HTML 92Page - Intel Corporation 420 Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
Datasheet
89
Features
The system can generate a STPCLK# while the processor is in the HALT Power Down
state. When the system deasserts the STPCLK# interrupt, the processor will return
execution to the HALT state.
While in HALT Power Down state, the processor will process bus snoops.
6.2.2.2
Extended HALT Powerdown State
Extended HALT is a low power state entered when all processor cores have executed
the HALT or MWAIT instructions and Extended HALT has been enabled via the BIOS.
When one of the processor cores executes the HALT instruction, that logical processor
is halted; however, the other processor continues normal operation. The Extended
HALT Powerdown must be enabled via the BIOS for the processor to remain within its
specification.
The processor will automatically transition to a lower frequency and voltage operating
point before entering the Extended HALT state. Note that the processor FSB frequency
is not altered; only the internal core frequency is changed. When entering the low
power state, the processor will first switch to the lower bus ratio and then transition to
the lower VID.
While in Extended HALT state, the processor will process bus snoops.
The processor exits the Extended HALT state when a break event occurs. When the
processor exits the Extended HALT state, it will first transition the VID to the original
value and then change the bus ratio back to the original value.
6.2.3
Stop Grant State
When the STPCLK# signal is asserted, the Stop Grant state of the processor is entered
20 bus clocks after the response phase of the processor-issued Stop Grant
Acknowledge special bus cycle.
Since the GTL+ signals receive power from the FSB, these signals should not be driven
(allowing the level to return to V
TT) for minimum power drawn by the termination
resistors in this state. In addition, all other input signals on the FSB should be driven to
the inactive state.
RESET# will cause the processor to immediately initialize itself, but the processor will
stay in Stop-Grant state. A transition back to the Normal state will occur with the de-
assertion of the STPCLK# signal.
A transition to the Grant Snoop state will occur when the processor detects a snoop on
the FSB (see Section 6.2.4).
While in the Stop-Grant State, SMI#, INIT#, and LINT[1:0] will be latched by the
processor, and only serviced when the processor returns to the Normal State. Only one
occurrence of each event will be recognized upon return to the Normal state.
While in Stop-Grant state, the processor will process a FSB snoop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com