Electronic Components Datasheet Search
  English  ▼

X  

420 Datasheet(PDF) 20 Page - Intel Corporation

Part # 420
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

420 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 420 Datasheet HTML 16Page - Intel Corporation 420 Datasheet HTML 17Page - Intel Corporation 420 Datasheet HTML 18Page - Intel Corporation 420 Datasheet HTML 19Page - Intel Corporation 420 Datasheet HTML 20Page - Intel Corporation 420 Datasheet HTML 21Page - Intel Corporation 420 Datasheet HTML 22Page - Intel Corporation 420 Datasheet HTML 23Page - Intel Corporation 420 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
Electrical Specifications
20
Datasheet
8.
VTT must be provided via a separate voltage source and not be connected to VCC. This
specification is measured at the land.
9.
Baseboard bandwidth is limited to 20 MHz.
10.
This is maximum total current drawn from VTT plane by only the processor. This
specification does not include the current coming from RTT (through the signal line). Refer
to the Voltage Regulator-Down (VRD) 11.0 Processor Power Delivery Design Guidelines For
Desktop LGA775 Socket to determine the total ITT drawn by the system. This parameter is
based on design characterization and is not tested.
11.
This is maximum total current drawn from VTT plane by only the processor. This
specification does not include the current coming from RTT (through the signal line). Refer
to the Voltage Regulator-Down (VRD) 11 Design Guide For Desktop and Transportable
LGA775 to determine the total ITT drawn by the system. This parameter is based on design
characterization and is not tested.
12.
Adherence to the voltage specifications for the processor are required to ensure reliable
processor operation.
NOTES:
1.
The loadline specification includes both static and transient limits except for overshoot
allowed as shown in Section 2.6.3.
2.
This table is intended to aid in reading discrete points on Figure 1.
3.
The loadlines specify voltage limits at the die measured at the VCC_SENSE and
VSS_SENSE lands. Voltage regulation feedback for voltage regulator circuits must be taken
from processor VCC and VSS lands. Refer to the Voltage Regulator-Down (VRD) 11 Design
Guide For Desktop and Transportable LGA775 for socket loadline guidelines and VR
implementation details.
4.
Adherence to this loadline specification is required to ensure reliable processor operation.
Table 6.
VCC Static and Transient Tolerance
ICC (A)
Voltage Deviation from VID Setting (V)1, 2, 3, 4
Maximum Voltage
2.30 mΩ
Typical Voltage
2.40 mΩ
Minimum Voltage
2.50mΩ
0
0.000
-0.019
-0.038
5
-0.012
-0.031
-0.051
10
-0.023
-0.043
-0.063
15
-0.035
-0.055
-0.076
20
-0.046
-0.067
-0.088
25
-0.058
-0.079
-0.101
30
-0.069
-0.091
-0.113
35
-0.081
-0.103
-0.126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com