Electronic Components Datasheet Search
  English  ▼

X  

420 Datasheet(PDF) 40 Page - Intel Corporation

Part # 420
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

420 Datasheet(HTML) 40 Page - Intel Corporation

Back Button 420 Datasheet HTML 36Page - Intel Corporation 420 Datasheet HTML 37Page - Intel Corporation 420 Datasheet HTML 38Page - Intel Corporation 420 Datasheet HTML 39Page - Intel Corporation 420 Datasheet HTML 40Page - Intel Corporation 420 Datasheet HTML 41Page - Intel Corporation 420 Datasheet HTML 42Page - Intel Corporation 420 Datasheet HTML 43Page - Intel Corporation 420 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
Package Mechanical Specifications
40
Datasheet
3.5
Package Insertion Specifications
The processor can be inserted into and removed from a LGA775 socket 15 times. The
socket should meet the LGA775 requirements detailed in the LGA775 Socket
Mechanical Design Guide.
3.6
Processor Mass Specification
The typical mass of the processor is 21.5 g [0.76 oz]. This mass [weight] includes all
the components that are included in the package.
3.7
Processor Materials
Table 22 lists some of the package components and associated materials.
3.8
Processor Markings
Figure 12 shows the topside markings on the processor. This diagram is to aid in the
identification of the processor.
Table 22.
Processor Materials
Component
Material
Integrated Heat Spreader (IHS)
Nickel Plated Copper
Substrate
Fiber Reinforced Resin
Substrate Lands
Gold Plated Copper
Figure 12.
Processor Top-Side Marking Example
AT P O
S/ N
IN TEL
©' 06
4 4 0
CE LER ON ®
SL xxx
[ C O O ]
2. 00G HZ /5 12 /8 00/ 06
[F PO]
M
e 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com