Electronic Components Datasheet Search
  English  ▼

X  

420 Datasheet(PDF) 69 Page - Intel Corporation

Part # 420
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

420 Datasheet(HTML) 69 Page - Intel Corporation

Back Button 420 Datasheet HTML 65Page - Intel Corporation 420 Datasheet HTML 66Page - Intel Corporation 420 Datasheet HTML 67Page - Intel Corporation 420 Datasheet HTML 68Page - Intel Corporation 420 Datasheet HTML 69Page - Intel Corporation 420 Datasheet HTML 70Page - Intel Corporation 420 Datasheet HTML 71Page - Intel Corporation 420 Datasheet HTML 72Page - Intel Corporation 420 Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
Datasheet
69
Land Listing and Signal Descriptions
DEFER#
Input
DEFER# is asserted by an agent to indicate that a transaction
cannot be guaranteed in-order completion. Assertion of DEFER# is
normally the responsibility of the addressed memory or input/output
agent. This signal must connect the appropriate pins/lands of all
processor FSB agents.
DRDY#
Input/
Output
DRDY# (Data Ready) is asserted by the data driver on each data
transfer, indicating valid data on the data bus. In a multi-common
clock data transfer, DRDY# may be de-asserted to insert idle clocks.
This signal must connect the appropriate pins/lands of all processor
FSB agents.
DSTBN[3:0]#
Input/
Output
DSTBN[3:0]# are the data strobes used to latch in D[63:0]#.
DSTBP[3:0]#
Input/
Output
DSTBP[3:0]# are the data strobes used to latch in D[63:0]#.
FCx
Other
FC signals are signals that are available for compatibility with other
processors.
FERR#/PBE#
Output
FERR#/PBE# (floating point error/pending break event) is a
multiplexed signal and its meaning is qualified by STPCLK#. When
STPCLK# is not asserted, FERR#/PBE# indicates a floating-point
error and will be asserted when the processor detects an unmasked
floating-point error. When STPCLK# is not asserted, FERR#/PBE# is
similar to the ERROR# signal on the Intel 387 coprocessor, and is
included for compatibility with systems using MS-DOS*-type
floating-point error reporting. When STPCLK# is asserted, an
assertion of FERR#/PBE# indicates that the processor has a pending
break event waiting for service. The assertion of FERR#/PBE#
indicates that the processor should be returned to the Normal state.
For additional information on the pending break event functionality,
including the identification of support of the feature and enable/
disable information, refer to volume 3 of the Intel Architecture
Software Developer's Manual and the Intel Processor Identification
and the CPUID Instruction application note.
GTLREF[1:0]
Input
GTLREF[1:0] determine the signal reference level for GTL+ input
signals. GTLREF is used by the GTL+ receivers to determine if a
signal is a logical 0 or logical 1.
Table 25.
Signal Description ( (Sheet 4 of 9))
Name
Type
Description
Signals
Associated Strobe
D[15:0]#, DBI0#
DSTBN0#
D[31:16]#, DBI1#
DSTBN1#
D[47:32]#, DBI2#
DSTBN2#
D[63:48]#, DBI3#
DSTBN3#
Signals
Associated Strobe
D[15:0]#, DBI0#
DSTBP0#
D[31:16]#, DBI1#
DSTBP1#
D[47:32]#, DBI2#
DSTBP2#
D[63:48]#, DBI3#
DSTBP3#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com