Electronic Components Datasheet Search
  English  ▼

X  

420 Datasheet(PDF) 82 Page - Intel Corporation

Part # 420
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

420 Datasheet(HTML) 82 Page - Intel Corporation

Back Button 420 Datasheet HTML 78Page - Intel Corporation 420 Datasheet HTML 79Page - Intel Corporation 420 Datasheet HTML 80Page - Intel Corporation 420 Datasheet HTML 81Page - Intel Corporation 420 Datasheet HTML 82Page - Intel Corporation 420 Datasheet HTML 83Page - Intel Corporation 420 Datasheet HTML 84Page - Intel Corporation 420 Datasheet HTML 85Page - Intel Corporation 420 Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
Thermal Specifications and Design Considerations
82
Datasheet
5.3
Thermal Diode
The processor incorporates an on-die PNP transistor where the base emitter junction is
used as a thermal "diode", with its collector shorted to ground. A thermal sensor
located on the system board may monitor the die temperature of the processor for
thermal management and fan speed control. Table 28, Table 29, and Table 30 provide
the "diode" parameter and interface specifications. Two different sets of "diode"
parameters are listed in Table 28 and Table 29. The Diode Model parameters (Table 28)
apply to traditional thermal sensors that use the Diode Equation to determine the
processor temperature. Transistor Model parameters (Table 29) have been added to
support thermal sensors that use the transistor equation method. The Transistor Model
may provide more accurate temperature measurements when the diode ideality factor
is closer to the maximum or minimum limits. This thermal "diode" is separate from the
Thermal Monitor's thermal sensor and cannot be used to predict the behavior of the
Thermal Monitor.
TCONTROL is a temperature specification based on a temperature reading from the
thermal diode. The value for TCONTROL will be calibrated in manufacturing and
configured for each processor. The TCONTROL temperature for a given processor can be
obtained by reading a MSR in the processor. The TCONTROL value that is read from the
MSR needs to be converted from Hexadecimal to Decimal and added to a base value of
50 °C.
The value of TCONTROL may vary from 00h to 1Eh (0 to 30 °C).
When TDIODE is above TCONTROL, then TC must be at or below TC_MAX as defined by the
thermal profile in Table 27; otherwise, the processor temperature can be maintained at
TCONTROL (or lower) as measured by the thermal diode.
NOTES:
1.
Intel does not support or recommend operation of the thermal diode under reverse bias.
2.
Preliminary data. Will be characterized across a temperature range of 50–80 °C.
3.
Not 100% tested. Specified by design characterization.
4.
The ideality factor, n, represents the deviation from ideal diode behavior as exemplified by
the diode equation:
IFW = IS * (e
qVD/nkT –1)
where IS = saturation current, q = electronic charge, VD = voltage across the diode,
k = Boltzmann Constant, and T = absolute temperature (Kelvin).
5.
The series resistance, RT, is provided to allow for a more accurate measurement of the
junction temperature. RT, as defined, includes the lands of the processor but does not
include any socket resistance or board trace resistance between the socket and the
external remote diode thermal sensor. RT can be used by remote diode thermal sensors
with automatic series resistance cancellation to calibrate out this error term. Another
application is that a temperature offset can be manually calculated and programmed into
an offset register in the remote diode thermal sensors as exemplified by the equation:
Terror = [RT * (N–1) * IFWmin] / [nk/q * ln N]
where Terror = sensor temperature error, N = sensor current ratio, k = Boltzmann
Constant, q = electronic charge.
Table 28.
Thermal “Diode” Parameters using Diode Model
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
5
—
200
µA
1
n
Diode Ideality Factor
1.000
1.009
1.050
-
2, 3, 4
RT
Series Resistance
2.79
4.52
6.24
Ω
2, 3, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com