Electronic Components Datasheet Search
  English  ▼

X  

550 Datasheet(PDF) 86 Page - Intel Corporation

Part # 550
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

550 Datasheet(HTML) 86 Page - Intel Corporation

Back Button 550 Datasheet HTML 82Page - Intel Corporation 550 Datasheet HTML 83Page - Intel Corporation 550 Datasheet HTML 84Page - Intel Corporation 550 Datasheet HTML 85Page - Intel Corporation 550 Datasheet HTML 86Page - Intel Corporation 550 Datasheet HTML 87Page - Intel Corporation 550 Datasheet HTML 88Page - Intel Corporation 550 Datasheet HTML 89Page - Intel Corporation 550 Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
86
Datasheet
Features
6.2.1
Normal State
This is the normal operating state for the processor.
6.2.2
HALT and Enhanced HALT Powerdown States
The Prescott processor supports the HALT or Enhanced HALT powerdown state. The Enhanced
HALT powerdown state is configured and enabled via the BIOS.
The Enhanced HALT state is a lower power state as compared to the Stop Grant State.
If Enhanced HALT is not enabled, the default powerdown state entered will be HALT. Refer to the
sections below for details about the HALT and Enhanced HALT states.
6.2.2.1
HALT Powerdown State
HALT is a low power state entered when all the logical processors have executed the HALT or
MWAIT instructions. When one of the logical processors executes the HALT instruction, that
logical processor is halted, however, the other processor continues normal operation. The processor
will transition to the Normal state upon the occurrence of SMI#, BINIT#, INIT#, or LINT[1:0]
(NMI, INTR). RESET# will cause the processor to immediately initialize itself.
The return from a System Management Interrupt (SMI) handler can be to either Normal Mode or
the HALT Power Down state. See the Intel Architecture Software Developer's Manual, Volume III:
System Programmer's Guide for more information.
The system can generate a STPCLK# while the processor is in the HALT Power Down state. When
the system deasserts the STPCLK# interrupt, the processor will return execution to the HALT state.
While in HALT Power Down state, the processor will process bus snoops.
6.2.2.2
Enhanced HALT Powerdown State
Enhanced HALT is a low power state entered when all logical processors have executed the HALT
or MWAIT instructions and Enhanced HALT has been enabled via the BIOS. When one of the
logical processors executes the HALT instruction, that logical processor is halted; however, the
other processor continues normal operation.
The processor will automatically transition to a lower frequency and voltage operating point before
entering the Enhanced HALT state. Note that the processor FSB frequency is not altered; only the
internal core frequency is changed. When entering the low power state, the processor will first
switch to the lower bus ratio and then transition to the lower VID.
While in Enhanced HALT state, the processor will process bus snoops.
The processor exits the Enhanced HALT state when a break event occurs. When the processor exits
the Enhanced HALT state, it will first transition the VID to the original value and then change the
bus ratio back to the original value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com