Electronic Components Datasheet Search
  English  ▼

X  

550 Datasheet(PDF) 59 Page - Intel Corporation

Part # 550
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

550 Datasheet(HTML) 59 Page - Intel Corporation

Back Button 550 Datasheet HTML 55Page - Intel Corporation 550 Datasheet HTML 56Page - Intel Corporation 550 Datasheet HTML 57Page - Intel Corporation 550 Datasheet HTML 58Page - Intel Corporation 550 Datasheet HTML 59Page - Intel Corporation 550 Datasheet HTML 60Page - Intel Corporation 550 Datasheet HTML 61Page - Intel Corporation 550 Datasheet HTML 62Page - Intel Corporation 550 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
Land Listing and Signal Descriptions
Datasheet
59
J13
VCC
Power/Other
J14
VCC
Power/Other
J15
VCC
Power/Other
J16
DP0#
Common Clock
Input/Output
J17
DP3#
Common Clock
Input/Output
J18
VCC
Power/Other
J19
VCC
Power/Other
J20
VCC
Power/Other
J21
VCC
Power/Other
J22
VCC
Power/Other
J23
VCC
Power/Other
J24
VCC
Power/Other
J25
VCC
Power/Other
J26
VCC
Power/Other
J27
VCC
Power/Other
J28
VCC
Power/Other
J29
VCC
Power/Other
J30
VCC
Power/Other
K1
LINT0
Asynch GTL+
Input
K2
VSS
Power/Other
K3
A20M#
Asynch GTL+
Input
K4
REQ0#
Source Synch
Input/Output
K5
VSS
Power/Other
K6
REQ3#
Source Synch
Input/Output
K7
VSS
Power/Other
K8
VCC
Power/Other
K23
VCC
Power/Other
K24
VCC
Power/Other
K25
VCC
Power/Other
K26
VCC
Power/Other
K27
VCC
Power/Other
K28
VCC
Power/Other
K29
VCC
Power/Other
K30
VCC
Power/Other
L1
LINT1
Asynch GTL+
Input
L2
TESTHI13
Asynch GTL+
Input
L3
VSS
Power/Other
L4
A6#
Source Synch
Input/Output
L5
A3#
Source Synch
Input/Output
L6
VSS
Power/Other
L7
VSS
Power/Other
Table 4-2. Numerical Land Assignment
Land
#
Land Name
Signal Buffer
Type
Direction
L8
VCC
Power/Other
L23
VSS
Power/Other
L24
VSS
Power/Other
L25
VSS
Power/Other
L26
VSS
Power/Other
L27
VSS
Power/Other
L28
VSS
Power/Other
L29
VSS
Power/Other
L30
VSS
Power/Other
M1
VSS
Power/Other
M2
THERMTRIP#
Asynch GTL+
Output
M3
STPCLK#
Asynch GTL+
Input
M4
A7#
Source Synch
Input/Output
M5
A5#
Source Synch
Input/Output
M6
REQ2#
Source Synch
Input/Output
M7
VSS
Power/Other
M8
VCC
Power/Other
M23
VCC
Power/Other
M24
VCC
Power/Other
M25
VCC
Power/Other
M26
VCC
Power/Other
M27
VCC
Power/Other
M28
VCC
Power/Other
M29
VCC
Power/Other
M30
VCC
Power/Other
N1
PWRGOOD
Power/Other
Input
N2
IGNNE#
Asynch GTL+
Input
N3
VSS
Power/Other
N4
RESERVED
N5
RESERVED
N6
VSS
Power/Other
N7
VSS
Power/Other
N8
VCC
Power/Other
N23
VCC
Power/Other
N24
VCC
Power/Other
N25
VCC
Power/Other
N26
VCC
Power/Other
N27
VCC
Power/Other
N28
VCC
Power/Other
N29
VCC
Power/Other
N30
VCC
Power/Other
Table 4-2. Numerical Land Assignment
Land
#
Land Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com