Electronic Components Datasheet Search
  English  ▼

X  

550 Datasheet(PDF) 34 Page - Intel Corporation

Part # 550
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

550 Datasheet(HTML) 34 Page - Intel Corporation

Back Button 550 Datasheet HTML 30Page - Intel Corporation 550 Datasheet HTML 31Page - Intel Corporation 550 Datasheet HTML 32Page - Intel Corporation 550 Datasheet HTML 33Page - Intel Corporation 550 Datasheet HTML 34Page - Intel Corporation 550 Datasheet HTML 35Page - Intel Corporation 550 Datasheet HTML 36Page - Intel Corporation 550 Datasheet HTML 37Page - Intel Corporation 550 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
34
Datasheet
Electrical Specifications
2.13
GTL+ FSB Specifications
Termination resistors are not required for most GTL+ signals, as these are integrated into the
processor silicon.Valid high and low levels are determined by the input buffers which compare a
signal’s voltage with a reference voltage called GTLREF. Table 2-18 lists the GTLREF
specifications. The GTL+ reference voltage (GTLREF) should be generated on the system board
using high precision voltage divider circuits.
§
Table 2-18. GTL+ Bus Voltage Definitions
Symbol
Parameter
Min
Typ
Max
Units
Notes1
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
GTLREF
Bus Reference
Voltage
(0.98 * 0.67) * VTT 0.67 * VTT (1.02 * 0.67) * VTT
V
2, 3, 4, 5
2.
The tolerances for this specification have been stated generically to enable the system designer to calculate the minimum
and maximum values across the range of VTT.
3.
GTLREF should be generated from VTT by a voltage divider of 1% resistors or 1% matched resistors.
4.
The VTT referred to in these specifications is the instantaneous VTT.
5.
The Intel® 915G/915GV/915P and 910GL Express chipset platforms use a pull-up resistor of 100
Ω and a pull-down resistor
of 210
Ω. Contact your Intel representative for further details and documentation.
R
PULLUP
On die pullup for
BOOTSELECT
signal
500
—
5000
Ω
6
6.
These pull-ups are to VTT.
R
TT
Termination
Resistance
54
60
66
Ω
7
7.
R
TT is the on-die termination resistance measured at V
TT/2 of the GTL+ output driver.
COMP[1:0]
COMP Resistance
59.8
60.4
61
Ω
8
8.
COMP resistance must be provided on the system board with 1% resistors. COMP[1:0] resistors are to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com