Electronic Components Datasheet Search
  English  ▼

X  

550 Datasheet(PDF) 29 Page - Intel Corporation

Part # 550
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

550 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 550 Datasheet HTML 25Page - Intel Corporation 550 Datasheet HTML 26Page - Intel Corporation 550 Datasheet HTML 27Page - Intel Corporation 550 Datasheet HTML 28Page - Intel Corporation 550 Datasheet HTML 29Page - Intel Corporation 550 Datasheet HTML 30Page - Intel Corporation 550 Datasheet HTML 31Page - Intel Corporation 550 Datasheet HTML 32Page - Intel Corporation 550 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 96 page
background image
Datasheet
29
Electrical Specifications
Table 2-10. VCC Static and Transient Tolerance for 775_VR_CONFIG_04B Processors
ICC (A)
Voltage Deviation from VID Setting (V)1, 2, 3, 4
NOTES:
1.
The loadline specification includes both static and transient limits except for overshoot allowed as shown in
Section 2.12.
2.
This table is intended to aid in reading discrete points on Figure 2-2.
3.
The loadlines specify voltage limits at the die measured at the VCC_SENSE and VSS_SENSE lands. Voltage
regulation feedback for voltage regulator circuits must be taken from processor VCC and VSS lands. Refer to
the Voltage Regulator Down (VRD) 10.1 Design Guide For Desktop LGA775 Socket for socket loadline guide-
lines and VR implementation details.
4.
Adherence to this loadline specification for the processor is required to ensure reliable processor operation.
Maximum Voltage
1.30 m
Ω
Typical Voltage
1.35 m
Ω
Minimum Voltage
1.40 m
Ω
0
0.000
-0.019
-0.038
5
-0.007
-0.026
-0.045
10
-0.013
-0.033
-0.052
15
-0.020
-0.039
-0.059
20
-0.026
-0.046
-0.066
25
-0.033
-0.053
-0.073
30
-0.039
-0.060
-0.080
35
-0.046
-0.066
-0.087
40
-0.052
-0.073
-0.094
45
-0.059
-0.080
-0.101
50
-0.065
-0.087
-0.108
55
-0.072
-0.093
-0.115
60
-0.078
-0.100
-0.122
65
-0.085
-0.107
-0.129
70
-0.091
-0.114
-0.136
75
-0.098
-0.120
-0.143
80
-0.104
-0.127
-0.150
85
-0.111
-0.134
-0.157
90
-0.117
-0.141
-0.164
95
-0.124
-0.147
-0.171
100
-0.130
-0.154
-0.178
105
-0.137
-0.161
-0.185
110
-0.143
-0.168
-0.192
115
-0.150
-0.174
-0.199
119
-0.155
-0.180
-0.205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com