| Electronic Components Datasheet Search |
|
550 Datasheet(PDF) 56 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
550 Datasheet(HTML) 56 Page - Intel Corporation |
|
56 / 96 page ![]() Land Listing and Signal Descriptions 56 Datasheet Table 4-2. Numerical Land Assignment Land # Land Name Signal Buffer Type Direction A2 VSS Power/Other A3 RS2# Common Clock Input A4 D2# Source Synch Input/Output A5 D4# Source Synch Input/Output A6 VSS Power/Other A7 D7# Source Synch Input/Output A8 DBI0# Source Synch Input/Output A9 VSS Power/Other A10 D8# Source Synch Input/Output A11 D9# Source Synch Input/Output A12 VSS Power/Other A13 COMP0 Power/Other Input A14 D50# Source Synch Input/Output A15 VSS Power/Other A16 DSTBN3# Source Synch Input/Output A17 D56# Source Synch Input/Output A18 VSS Power/Other A19 D61# Source Synch Input/Output A20 RESERVED A21 VSS Power/Other A22 D62# Source Synch Input/Output A23 VCCA Power/Other A24 VSS Power/Other A25 VTT Power/Other A26 VTT Power/Other A27 VTT Power/Other A28 VTT Power/Other A29 VTT Power/Other A30 VTT Power/Other B1 VSS Power/Other B2 DBSY# Common Clock Input/Output B3 RS0# Common Clock Input B4 D0# Source Synch Input/Output B5 VSS Power/Other B6 D5# Source Synch Input/Output B7 D6# Source Synch Input/Output B8 VSS Power/Other B9 DSTBP0# Source Synch Input/Output B10 D10# Source Synch Input/Output B11 VSS Power/Other B12 D13# Source Synch Input/Output B13 RESERVED B14 VSS Power/Other B15 D53# Source Synch Input/Output B16 D55# Source Synch Input/Output B17 VSS Power/Other B18 D57# Source Synch Input/Output B19 D60# Source Synch Input/Output B20 VSS Power/Other B21 D59# Source Synch Input/Output B22 D63# Source Synch Input/Output B23 VSSA Power/Other B24 VSS Power/Other B25 VTT Power/Other B26 VTT Power/Other B27 VTT Power/Other B28 VTT Power/Other B29 VTT Power/Other B30 VTT Power/Other C1 DRDY# Common Clock Input/Output C2 BNR# Common Clock Input/Output C3 LOCK# Common Clock Input/Output C4 VSS Power/Other C5 D1# Source Synch Input/Output C6 D3# Source Synch Input/Output C7 VSS Power/Other C8 DSTBN0# Source Synch Input/Output C9 RESERVED C10 VSS Power/Other C11 D11# Source Synch Input/Output C12 D14# Source Synch Input/Output C13 VSS Power/Other C14 D52# Source Synch Input/Output C15 D51# Source Synch Input/Output C16 VSS Power/Other C17 DSTBP3# Source Synch Input/Output C18 D54# Source Synch Input/Output C19 VSS Power/Other C20 DBI3# Source Synch Input/Output C21 D58# Source Synch Input/Output C22 VSS Power/Other C23 VCCIOPLL Power/Other Table 4-2. Numerical Land Assignment Land # Land Name Signal Buffer Type Direction |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |