Electronic Components Datasheet Search
  English  ▼

X  

550 Datasheet(PDF) 24 Page - Intel Corporation

Part # 550
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

550 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 550 Datasheet HTML 20Page - Intel Corporation 550 Datasheet HTML 21Page - Intel Corporation 550 Datasheet HTML 22Page - Intel Corporation 550 Datasheet HTML 23Page - Intel Corporation 550 Datasheet HTML 24Page - Intel Corporation 550 Datasheet HTML 25Page - Intel Corporation 550 Datasheet HTML 26Page - Intel Corporation 550 Datasheet HTML 27Page - Intel Corporation 550 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
24
Datasheet
Electrical Specifications
2.10
Absolute Maximum and Minimum Ratings
Table 2-7 specifies absolute maximum and minimum ratings. Within functional operation limits,
functionality and long-term reliability can be expected.
At conditions outside functional operation condition limits, but within absolute maximum and
minimum ratings, neither functionality nor long-term reliability can be expected. If a device is
returned to conditions within functional operation limits after having been subjected to conditions
outside these limits, but within the absolute maximum and minimum ratings, the device may be
functional, but with its lifetime degraded depending on exposure to conditions exceeding the
functional operation condition limits.
At conditions exceeding absolute maximum and minimum ratings, neither functionality nor long-
term reliability can be expected. Moreover, if a device is subjected to these conditions for any
length of time then, when returned to conditions within the functional operating condition limits, it
will either not function, or its reliability will be severely degraded.
Although the processor contains protective circuitry to resist damage from static electric discharge,
precautions should always be taken to avoid high static voltages or electric fields.
2.11
Processor DC Specifications
The processor DC specifications in this section are defined at the processor core silicon and
not at the package lands unless noted otherwise. See Chapter 4 for the signal definitions and
signal assignments. Most of the signals on the processor FSB are in the GTL+ signal group. The
DC specifications for these signals are listed in Table 2-12.
Previously, legacy signals and Test Access Port (TAP) signals to the processor used low-voltage
CMOS buffer types. However, these interfaces now follow DC specifications similar to GTL+. The
DC specifications for these signal groups are listed in Table 2-11 and Table 2-13.
Table 2-8 through Table 2-15 list the DC specifications for the Pentium 4 processor in the 775-land
package and are valid only while meeting specifications for case temperature, clock frequency, and
input voltages. Care should be taken to read all notes associated with each parameter.
MSR_PLATFORM_BRV bit 18 is a Platform Requirement Bit (PRB) that indicates that the
processor has specific platform requirements.
Table 2-7. Processor DC Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Notes1, 2
NOTES:
1.
For functional operation, all processor electrical, signal quality, mechanical and thermal specifications must be satisfied.
2.
Excessive overshoot or undershoot on any signal will likely result in permanent damage to the processor.
VCC
Core voltage with respect to
VSS
–0.3
1.55
V
—
VTT
FSB termination voltage with
respect to VSS
–0.3
1.55
V
—
TC
Processor case temperature
See Section 5
See Section 5
°C
—
TSTORAGE
Processor storage temperature
–40
+85
°C
3, 4
3.
Storage temperature is applicable to storage conditions only. In this scenario, the processor must not receive a clock, and
no lands can be connected to a voltage bias. Storage within these limits will not affect the long-term reliability of the device.
For functional operation, refer to the processor case temperature specifications.
4.
This rating applies to the processor and does not include any tray or packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com