Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4627 Datasheet HTML 3Page - Linear Technology LTM4627 Datasheet HTML 4Page - Linear Technology LTM4627 Datasheet HTML 5Page - Linear Technology LTM4627 Datasheet HTML 6Page - Linear Technology LTM4627 Datasheet HTML 7Page - Linear Technology LTM4627 Datasheet HTML 8Page - Linear Technology LTM4627 Datasheet HTML 9Page - Linear Technology LTM4627 Datasheet HTML 10Page - Linear Technology LTM4627 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTM4627
7
4627f
MODE_PLLIN (A8): Forced Continuous Mode, Burst Mode
Operation, or Pulse-Skipping Mode Selection Pin and
External Synchronization Input to Phase Detector Pin.
Connect this pin to INTVCC to enable pulse-skipping mode
of operation. Connect to ground to enable forced continuous
mode of operation. Floating this pin will enable Burst Mode
operation. A clock on this pin will enable synchronization
with forced continuous operation. See the Applications
Information section.
fSET (B12): A resistor can be applied from this pin to
ground to set the operating frequency, or a DC voltage
can be applied to set the frequency. See the Applications
Information section.
TRACK/SS (A9): Output Voltage Tracking Pin and Soft-
Start Inputs. The pin has a 1.2μA pull-up current source.
A capacitor from this pin to ground will set a soft-start
ramp rate. In tracking, the regulator output can be tracked
to a different voltage. The different voltage is applied to
a voltage divider then the slave output’s track pin. This
voltage divider is equal to the slave output’s feedback
divider for coincidental tracking. See the Applications
Information section.
VFB (F12): The Negative Input of the Error Amplifier.
Internally, this pin is connected to VOUT_LCL with a
60.4k precision resistor. Different output voltages can
be programmed with an additional resistor between VFB
and ground pins. In PolyPhase® operation, tying the
VFB pins together allows for parallel operation. See the
Applications Information section for details.
COMP (A11): Current Control Threshold and Error Amplifier
Compensation Point. The current comparator threshold
increases with this control voltage. Tie all COMP pins
together for parallel operation. The device is internally
compensated.
PIN FUNCTIONS
RUN: (A10) Run Control Pin. A voltage above 1.4V will turn
on the module. A 5.1V Zener diode to ground is internal
to the module for limiting the voltage on the RUN pin to
5V, and allowing a pull-up resistor to VIN for enabling the
device. Limit current into the RUN pin to ≤ 2mA.
INTVCC: (A7, D9) Internal 5V LDO for Driving the Control
Circuitry and the Power MOSFET Drivers. Both pins are
internally connected. The 5V LDO has a 100mA current
limit.
EXTVCC (E12): External power input to an internal control
switch allows an external source greater than 4.7V, but less
than 6V to supply IC power and bypass the internal INTVCC
LDO. See the Applications Information section.
VOUT_LCL: (L12) This pin connects to VOUT through a 1M
resistor, and to VFB with a 60.4k resistor. The remote sense
amplifier output DIFF_OUT is connected to VOUT_LCL, and
drives the 60.4k top feedback resistor in remote sensing
applications. When the remote sense amplifier is used,
DIFF_OUT effectively eliminates the 1MΩ from VOUT to
VOUT_LCL. When the remote sense amplifier is not used,
then connect VOUT_LCL to VOUT directly.
VOSNS+: (J12) (+) Input to the Remote Sense Amplifier.
This pin connects to the output remote sense point. The
remote sense amplifier is used for VOUT ≤ 3.3V.
VOSNS–: (M12) (–) Input to the Remote Sense Amplifier.
This pin connects to the ground remote sense point. The
remote sense amplifier is used for VOUT ≤ 3.3V.
DIFF_OUT: (K12) Output of the Remote Sense Amplifier.
This pin connects to the VOUT_LCL pin for remote sense
applications. Otherwise float when not used.
MTP1, MTP2, MTP3, MTP4, MTP5, MTP6, MTP7, MTP8
(A12, B11, C10, C11, C12, D10, D11, D12): Extra mount-
ing pads used for increased solder integrity strength.
Leave floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com