Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 3 Page - Linear Technology

  LTM4627 Datasheet HTML 1Page - Linear Technology LTM4627 Datasheet HTML 2Page - Linear Technology LTM4627 Datasheet HTML 3Page - Linear Technology LTM4627 Datasheet HTML 4Page - Linear Technology LTM4627 Datasheet HTML 5Page - Linear Technology LTM4627 Datasheet HTML 6Page - Linear Technology LTM4627 Datasheet HTML 7Page - Linear Technology LTM4627 Datasheet HTML 8Page - Linear Technology LTM4627 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM4627
3
4627f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full internal operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, per the typical application in Figure 18.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, Burst Mode Operation, IOUT = 0.1A
VIN = 12V, VOUT = 1.5V, Pulse-Skipping Mode, IOUT = 0.1A
VIN = 12V, VOUT = 1.5V, Switching Continuous, IOUT = 0.1A
Shutdown, RUN = 0, VIN = 12V
17
25
54
40
mA
mA
mA
μA
IS(VIN)
Input Supply Current
VIN = 5V, VOUT = 1.5V, IOUT = 15A
VIN = 12V, VOUT = 1.5V, IOUT = 15A
5.05
2.13
A
A
Output Specifications
IOUT(DC)
Output Continuous Current
Range
VIN = 12V, VOUT = 1.5V (Note 4)
0
15
A
ΔVOUT (Line)
VOUT
Line Regulation Accuracy
VOUT = 1.5V, VIN from 4.5V to 20V
IOUT = 0A
l
0.02
0.06
%/V
ΔVOUT (Load)
VOUT
Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 15A, VIN = 12V (Note 4)
l
0.2
0.45
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100μF Ceramic, 470μF POSCAP
VIN = 12V, VOUT = 1.5V
15
mVP-P
ΔVOUT(START)
Turn-On Overshoot
COUT = 100μF Ceramic, 470μF POSCAP,
VOUT = 1.5V, IOUT = 0A, VIN = 12V
20
mV
tSTART
Turn-On Time
COUT = 100μF Ceramic, 470μF POSCAP,
No Load, TRACK/SS = 0.001μF, VIN = 12V
50
ms
ΔVOUTLS
Peak Deviation for Dynamic
Load
Load: 0% to 50% to 0% of Full Load
COUT = 100μF Ceramic, 470μF POSCAP,
VIN = 12V, VOUT = 1.5V
60
mV
tSETTLE
Settling Time for Dynamic
Load Step
Load: 0% to 50% to 0% of Full Load VIN = 5V,
COUT = 100μF Ceramic, 470μF POSCAP
20
μs
IOUTPK
Output Current Limit
VIN = 12V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
25
25
A
A
Control Section
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 1.5V
l
0.594
0.60
0.606
V
IFB
Current at VFB Pin
(Note 7)
–12
–25
nA
VOVL
Feedback Overvoltage
Lockout
l
0.65
0.67
0.69
V
ITRACK/SS
Track Pin Soft-Start Pull-Up
Current
TRACK/SS = 0V
1.0
1.2
1.4
μA
tON(MIN)
Minimum On-Time
(Note 3)
90
ns
RFBHI
Resistor Between VOUT_LCL
and VFB Pins
60.05
60.40
60.75
kΩ
VOSNS+,
VOSNS– CM RANGE
Common Mode Input Range
VIN = 12V, Run > 1.4V
0
4
V
VDIFF_OUT(MAX)
Maximum DIFF_OUT Voltage IDIFF_OUT = 300μA
INTVCC – 1.4
V
VOS
Input Offset Voltage
VOSNS+ = VDIFF_OUT = 1.5V, IDIFF_OUT = 100μA
2
mV
AV
Differential Gain
1V/V
SR
Slew Rate
2
V/μs
GBP
Gain Bandwidth Product
3
MHz
CMRR
Common Mode Rejection
(Note 7)
60
dB
IDIFF_OUT
DIFF_OUT Current
Sourcing
2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com