Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 5 Page - Linear Technology

  LTM4627 Datasheet HTML 1Page - Linear Technology LTM4627 Datasheet HTML 2Page - Linear Technology LTM4627 Datasheet HTML 3Page - Linear Technology LTM4627 Datasheet HTML 4Page - Linear Technology LTM4627 Datasheet HTML 5Page - Linear Technology LTM4627 Datasheet HTML 6Page - Linear Technology LTM4627 Datasheet HTML 7Page - Linear Technology LTM4627 Datasheet HTML 8Page - Linear Technology LTM4627 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM4627
5
4627f
TYPICAL PERFORMANCE CHARACTERISTICS
Burst Mode Efficiency
Pulse-Skipping Mode Efficiency
1.0V Transient Response
1.2V Transient Response
1.5V Transient Response
1.8V Transient Response
Efficiency vs Load Current
with 5VIN
Efficiency vs Load Current
with 8VIN
Efficiency vs Load Current
with 12VIN
0
50
55
65
70
75
85
4
8
10
4627 G01
60
90
100
95
80
26
12
14
16
1VOUT AT 400kHz
1.2VOUT AT 400kHz
1.5VOUT AT 400kHz
2.5VOUT AT 400kHz
3.3VOUT AT 650kHz
LOAD CURRENT (A)
0
65
70
75
85
4
8
10
4627 G02
50
60
55
90
100
95
80
26
12
14
16
1VOUT AT 400kHz
1.2VOUT AT 400kHz
1.5VOUT AT 400kHz
2.5VOUT AT 500kHz
3.3VOUT AT 600kHz
5VOUT AT 600kHz
LOAD CURRENT (A)
0
50
55
65
70
75
85
4
8
10
4627 G03
60
90
100
95
80
26
12
14
16
1VOUT AT 400kHz
1.2VOUT AT 400kHz
1.5VOUT AT 400kHz
2.5VOUT AT 650kHz
3.3VOUT AT 650kHz
5VOUT AT 700kHz
LOAD CURRENT (A)
0.1
0.5
0.7
0.5
0.2
1.5
2
4627 G04
0.4
0.8
1.0
0.9
0.6
1
LOAD CURRENT (A)
12VIN, 2.5VOUT Burst Mode OPERATION
5VIN, 2.5VOUT Burst Mode OPERATION
0.1
0.5
0.7
0.5
0.2
1.5
2
4627 G05
0.4
0.8
1.0
0.9
0.6
1
5VIN, 2.5VOUT
PULSE-SKIPPING MODE
LOAD CURRENT (A)
12VIN, 2.5VOUT
PULSE-SKIPPING MODE
VIN = 12V, VOUT = 1.0V, CFF = 82pF, CCOMP = 33pF
OUTPUT CAPACITOR = 5 100μF CERAMIC X5R
100μs/DIV
4627 G06
50mV/DIV
7.5A
LOAD STEP
VIN = 12V, VOUT = 1.2V, CFF = 82pF, CCOMP = 33pF
OUTPUT CAPACITOR = 5 100μF CERAMIC X5R
100μs/DIV
4627 G07
50mV/DIV
7.5A
LOAD STEP
VIN = 12V, VOUT = 1.5V, CFF = 82pF, CCOMP = 33pF
OUTPUT CAPACITOR = 5 100μF CERAMIC X5R
100μs/DIV
4627 G08
50mV/DIV
7.5A
LOAD STEP
VIN = 12V, VOUT = 1.8V, CFF = 82pF, CCOMP = 33pF
OUTPUT CAPACITOR = 4 100μF CERAMIC X5R
100μs/DIV
4627 G09
50mV/DIV
7.5A
LOAD STEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com