Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4627 Datasheet HTML 5Page - Linear Technology LTM4627 Datasheet HTML 6Page - Linear Technology LTM4627 Datasheet HTML 7Page - Linear Technology LTM4627 Datasheet HTML 8Page - Linear Technology LTM4627 Datasheet HTML 9Page - Linear Technology LTM4627 Datasheet HTML 10Page - Linear Technology LTM4627 Datasheet HTML 11Page - Linear Technology LTM4627 Datasheet HTML 12Page - Linear Technology LTM4627 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM4627
9
4627f
Power Module Description
The LTM4627 is a high performance single output stand-
alone nonisolated switching mode DC/DC power supply.
It can provide a 15A output with few external input and
output capacitors. This module provides precisely regulated
output voltages programmable via external resistors from
0.6VDC to 5VDC over a 4.5V to 20V input range. The typical
application schematic is shown in Figure 18.
The LTM4627 has an integrated constant-frequency current
mode regulator, power MOSFETs, 0.4μH inductor, and other
supporting discrete components. The switching frequency
range is from 400kHz to 800kHz, and the typical operating
frequency is 500kHz. For switching noise-sensitive appli-
cations, it can be externally synchronized from 400kHz to
800kHz. A single resistor is used to program the frequency.
See the Applications Information section.
With current mode control and internal feedback loop
compensation, the LTM4627 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides cycle-by-cycle fast current
limit in an overcurrent condition. An internal overvoltage
monitor protects the output voltage in the event of an
OPERATION
overvoltage >10%. The top MOSFET is turned off and the
bottom MOSFET is turned on until the output is cleared.
Pulling the RUN pin below 1.1V forces the regulator into a
shutdown state. The TRACK/SS pin is used for program-
ming the output voltage ramp and voltage tracking during
start-up. See the Application Information section.
The LTM4627 is internally compensated to be stable over
all operating conditions. Table 4 provides a guideline for
input and output capacitances for several operating con-
ditions. The Linear Technology μModule Power Design
Tool will be provided for transient and stability analysis.
The VFB pin is used to program the output voltage with a
single external resistor to ground.
A remote sense amplifier is provided for accurately sensing
output voltages ≤3.3V at the load point.
Multiphase operation can be easily employed with the
synchronization inputs using an external clock source.
See application examples.
High efficiency at light loads can be accomplished with
selectable Burst Mode operation using the MODE_PLLIN
pin. These light load features will accommodate battery
operation. Efficiency graphs are provided for light load
operation in the Typical Performance Characteristics
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com