Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4627 Datasheet HTML 2Page - Linear Technology LTM4627 Datasheet HTML 3Page - Linear Technology LTM4627 Datasheet HTML 4Page - Linear Technology LTM4627 Datasheet HTML 5Page - Linear Technology LTM4627 Datasheet HTML 6Page - Linear Technology LTM4627 Datasheet HTML 7Page - Linear Technology LTM4627 Datasheet HTML 8Page - Linear Technology LTM4627 Datasheet HTML 9Page - Linear Technology LTM4627 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM4627
6
4627f
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up with Soft-Start
Short-Circuit Protection No Load
Short-Circuit Protection 15A Load
PIN FUNCTIONS
VIN (A1-A6, B1-B6, C1-C6): Power Input Pins. Apply input
voltage between these pins and GND pins. Recommend
placing input decoupling capacitance directly between VIN
pins and GND pins.
VOUT (J1-J10, K1-K11, L1-L11, M1-M11): Power Output
Pins. Apply output load between these pins and GND
pins. Recommend placing output decoupling capacitance
directly between these pins and GND pins. Review Table 4.
GND (B7, B9, C7, C9, D1-D6, D8, E1-E7, E9, F1-F9, G1-G9,
H1-H9): Power Ground Pins for Both Input and Output
Returns.
PGOOD (F11, G12): Output Voltage Power Good Indicator.
Open-drain logic output that is pulled to ground when the
output voltage exceeds a ±10% regulation window. Both
pins are tied together internally.
SGND (G11, H11, H12): Signal Ground Pin. Return ground
path for all analog and low power circuitry. Tie a single
connection to the output capacitor GND in the application.
See layout guidelines in Figure 17.
2.5V Transient Response
3.3V Transient Response
5.0V Transient Response
VIN = 12V, VOUT = 2.5V, CFF = 82pF, CCOMP = 33pF
OUTPUT CAPACITOR = 4 100μF CERAMIC X5R
100μs/DIV
4627 G10
50mV/DIV
7.5A
LOAD STEP
VIN = 12V, VOUT = 3.3V, CFF = 82pF, CCOMP = 33pF
OUTPUT CAPACITOR = 2 100μF CERAMIC X5R
100μs/DIV
4627 G11
50mV/DIV
7.5A
LOAD STEP
VIN = 12V, VOUT = 5V, CFF = 82pF, CCOMP = 33pF
OUTPUT CAPACITOR = 2 100μF CERAMIC X5R
100μs/DIV
4627 G12
50mV/DIV
7.5A
LOAD STEP
VIN = 12V, VOUT = 1.5V, IOUT = 15A
INPUT CAP 150μF SANYO ELECTROLYTIC CAP
AND 22μF 2 X5R CERAMIC CAP
OUTPUT CAP 1 100μF X5R CERAMIC AND 470μF
0.1μF CAP FROM TRACK/SS TO GND
100μs/DIV
4627 G13
VOUT
IOUT
500mV/DIV
5A/DIV
VIN = 12V, VOUT = 1.5V, IOUT = 0A
4ms/DIV
4627 G14
500mV/DIV
1A/DIV
VOUT
IIN
VIN = 12V, VOUT = 1.5V, IOUT = 15A
4ms/DIV
4627 G15
500mV/DIV
1A/DIV
VOUT
IIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com