Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4627 Datasheet HTML 4Page - Linear Technology LTM4627 Datasheet HTML 5Page - Linear Technology LTM4627 Datasheet HTML 6Page - Linear Technology LTM4627 Datasheet HTML 7Page - Linear Technology LTM4627 Datasheet HTML 8Page - Linear Technology LTM4627 Datasheet HTML 9Page - Linear Technology LTM4627 Datasheet HTML 10Page - Linear Technology LTM4627 Datasheet HTML 11Page - Linear Technology LTM4627 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTM4627
8
4627f
BLOCK DIAGRAM
Figure 1. Simplified LTM4627 Block Diagram
POWER
CONTROL
C
VOUT
VIN
5.1V
1M
60.4k
fSET
RUN
VFB
SGND
COMP
VOUT_LCL
R2
R1
MODE_PLLIN
TRACK/SS
RfSET
100k
90.9k
C SOFT-START
4627 F01
0.4μH
M1
VOUT
VOUT
1V
15A
VIN
VIN
4.5V TO 20V
M2
INTERNAL
COMP
INTERNAL
LOOP
FILTER
INTVCC
250k
DIFF_OUT
VOSNS+
VOSNS–
GND
PGOOD
INTVCC
EXTVCC
> 1.4V = ON
< 1.1V = OFF
MAX = 5V
1.5μF
10μF
+
CIN
COUT
+
10k
INTVCC
DIFF
AMP
DECOUPLING REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 4.5V to 20V, VOUT = 1.5V)
IOUT = 15A
66
μF
COUT
External Output Capacitor Requirement
(VIN = 4.5V to 20V, VOUT = 1.5V)
IOUT = 15A
200
μF
TA = 25°C. Use Figure 1 configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com