Electronic Components Datasheet Search
  English  ▼

X  

S5000XAL Datasheet(PDF) 72 Page - Intel Corporation

Part # S5000XAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000XAL Datasheet(HTML) 72 Page - Intel Corporation

Back Button S5000XAL Datasheet HTML 68Page - Intel Corporation S5000XAL Datasheet HTML 69Page - Intel Corporation S5000XAL Datasheet HTML 70Page - Intel Corporation S5000XAL Datasheet HTML 71Page - Intel Corporation S5000XAL Datasheet HTML 72Page - Intel Corporation S5000XAL Datasheet HTML 73Page - Intel Corporation S5000XAL Datasheet HTML 74Page - Intel Corporation S5000XAL Datasheet HTML 75Page - Intel Corporation S5000XAL Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Power and Environmental Specifications
Revision 1.7
Intel order number: D31979-010
73
8.2.8
Dynamic Loading
The output voltages shall remain within limits for the step loading and capacitive loading specified in the
table below. The load transient repetition rate shall be tested between 50 Hz and 5 kHz at duty cycles
ranging from 10%-90%. The load transient repetition rate is only a test specification. The
Δ step load
may occur anywhere within the MIN load to the MAX load conditions.
Table 38. Transient Load Requirements
Output
Δ Step Load Size
(See note 2)
Load Slew Rate
Test capacitive Load
+3.3V
5.0A
0.25 A/
μsec
250
μF
+5V
6.0A
0.25 A/
μsec
400
μF
12V1+12V2+12V3+12
V4
28.0A
0.25 A/
μsec
2200
μF 1,2
+5VSB
0.5A
0.25 A/
μsec
20
μF
Notes:
1) Step loads on each 12V output may happen simultaneously.
2) The +12V should be tested with 2200
μF evenly split between the four +12V rails.
8.2.9
Capacitive Loading
The power supply shall be stable and meet all requirements with the following capacitive loading ranges.
Table 39. Capacitive Loading Conditions
Output
MIN
MAX
Units
+3.3V
250
6,800
μF
+5V
400
4,700
μF
+12V1,2,3,4
500 each
11,000
μF
-12V
1
350
μF
+5VSB
20
350
μF
8.2.10
Closed-Loop Stability
The power supply shall be unconditionally stable under all line/load/transient load conditions including
capacitive load ranges. A minimum of: 45 degrees phase margin and -10dB-gain margin is required.
Closed-loop stability must be ensured at the maximum and minimum loads as applicable.
8.2.11
Common Mode Noise
The common mode noise on any output shall not exceed 350 mV pk-pk over the frequency band of 10Hz
to 30MHz.
1. The measurement shall be made across a 100 Ω resistor between each of the DC outputs,
including ground, at the DC power connector and chassis ground (power subsystem enclosure).
2. The test set-up shall use an FET probe such as Tektronix* model P6046 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com