Electronic Components Datasheet Search
  English  ▼

X  

S5000XAL Datasheet(PDF) 95 Page - Intel Corporation

Part # S5000XAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000XAL Datasheet(HTML) 95 Page - Intel Corporation

Back Button S5000XAL Datasheet HTML 91Page - Intel Corporation S5000XAL Datasheet HTML 92Page - Intel Corporation S5000XAL Datasheet HTML 93Page - Intel Corporation S5000XAL Datasheet HTML 94Page - Intel Corporation S5000XAL Datasheet HTML 95Page - Intel Corporation S5000XAL Datasheet HTML 96Page - Intel Corporation S5000XAL Datasheet HTML 97Page - Intel Corporation S5000XAL Datasheet HTML 98Page - Intel Corporation S5000XAL Datasheet HTML 99Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
Appendix B: Sensor Tables
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
96
Sensor
Name
Sensor
Number
System
Applica-
bility
Sensor Type
Event /
Reading
Type
Event Offset
Triggers
Criticality
Assert /
De-assert
Readable
Value /
Offsets
Event Data
Rearm
Standby
Proc 1
Thermal
Control
C0h
All
Temperature
01h
Threshold
01h
[u] [c,nc]
Threshold
defined
As and De
Analog
Trig Offset
M
–
Proc 2
Thermal
Control
C1h
All
Temperature
01h
Threshold
01h
[u] [c,nc]
Threshold
defined
As and De
Analog
Trig Offset
M
–
Proc 1
VRD Over
Temp
C8h
All
Temperature
01h
Digital
Discrete
05h
01h – Limit
exceeded
Non-Critical
As and De
–
Trig Offset
M
–
Proc 2
VRD Over
Temp
C9h
All
Temperature
01h
Digital
Discrete
05h
01h – Limit
exceeded
Non-Critical
As and De
–
Trig Offset
M
–
Proc 1 Vcc D0h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
Proc 2 Vcc D1h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
Proc 1 Vcc
Out-of-
Range
D2h
All
Voltage
02h
Digital
Discrete
05h
01h – Limit
exceeded
Non-Critical
As and De
Discrete
R, T
A
–
Proc 2
Vcc Out-
of-Range
D3h
All
Voltage
02h
Digital
Discrete
05h
01h – Limit
exceeded
Non-Critical
As and De
Discrete
R, T
A
–
CPU
Population
Error
D8h
All
Processor
07h
Generic
03h
01h –- State
asserted
Critical
As and De
–
R, T
A
–
Fault status
asserted
Degraded
Device installed OK
Disabled
Degraded
DIMM A1
E0h
All
Slot
Connector
21h
Sensor
Specific
6Fh
Sparing
OK
As
–
Trig Offset
A
–
DIMM A2
E1h
All
Slot
Connector
Sensor
Specific
Fault status
asserted
Degraded
As
–
Trig Offset
A
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com