| Electronic Components Datasheet Search |
|
S5000XAL Datasheet(PDF) 15 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
S5000XAL Datasheet(HTML) 15 Page - Intel Corporation |
|
15 / 112 page ![]() Product Overview Intel ® Server Board S5000PAL / S5000XAL TPS Revision 1.7 Intel order number: D31979-010 16 Description Description A BIOS Bank Select Jumper V System Fan #2 Header B Intel ® ESB-2 IO Controller Hub W CPU Power Connector C IO Module Option Connector X Main Power Connector D POST Code Diagnostic LEDs Y Battery E Intel ® Adaptive Slot – Full Height Z Power Supply Management Connector F PCI Express* Riser Slot – Low Profile AA Dual Port USB 2.0 Header G System Identification LED - Blue BB System Fan #1 Header H External IO Connectors CC SSI 24-pin Control Panel Header I Status LED – Green / Amber DD SATA 0 J Serial ‘B’ Port Configuration Jumper EE SATA 1 K System Fan #4 Header FF SATA 2 L System Fan #3 Header GG SATA 3 M FBDIMM Slots HH SATA 4 N Intel ® 5000P Memory Controller Hub (MCH) or Intel ® 5000X Memory Controller Hub (MCH) II SATA 5 O CPU #1 Connector JJ SATA SW RAID 5 Activation Key Connector P CPU #2 Connector KK Intel ® Remote Management Module (RMM) Connector Q CPU #1 Fan Header LL System Recovery Jumper Block R Voltage Regulator Heat Sink MM Chassis Intrusion Switch Header S CPU #2 Fan Header NN 3-pin IPMB Header T Bridge Board Connector OO Intel ® Local Control Panel Header U ATA-100 Optical Drive Connector (Power+IO) PP Serial ‘A’ Header QQ Intel ® RMM NIC Connector Figure 1. Components & Connector Location Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |