Electronic Components Datasheet Search
  English  ▼

X  

S5000XAL Datasheet(PDF) 46 Page - Intel Corporation

Part # S5000XAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000XAL Datasheet(HTML) 46 Page - Intel Corporation

Back Button S5000XAL Datasheet HTML 42Page - Intel Corporation S5000XAL Datasheet HTML 43Page - Intel Corporation S5000XAL Datasheet HTML 44Page - Intel Corporation S5000XAL Datasheet HTML 45Page - Intel Corporation S5000XAL Datasheet HTML 46Page - Intel Corporation S5000XAL Datasheet HTML 47Page - Intel Corporation S5000XAL Datasheet HTML 48Page - Intel Corporation S5000XAL Datasheet HTML 49Page - Intel Corporation S5000XAL Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Connector / Header Locations and Pin-outs
Revision 1.7
Intel order number: D31979-010
47
5.3.3
LCP/AUX IPMB Header
Table 15. LPC/AUX IPMB Header Pin-out (J1C2)
Pin
Signal Name
Description
1
SMB_IPMB_5VSB_DAT
BMC IMB 5V Standby Data Line
2
GND
Ground
3
SMB_IPMB_5VSB_CLK
BMC IMB 5V Standby Clock Line
4
P5V_STBY
+5V Standby Power
5.3.4
IPMB Header
Table 16. IPMB Header Pin-out (J1C3)
Pin
Signal Name
Description
1
SMB_IPMB_5VSB_DAT
BMC IMB 5V Standby Data Line
2
GND
3
SMB_IPMB_5VSB_CLK
BMC IMB 5V Standby Clock Line
5.4
Riser Card Slots
The server board has two riser card slots. The full height riser slot (J4F1) utilizes Intel
® Adaptive Slot
Technology. It is capable of supporting riser cards that support either the PCI-X* or PCI Express* full
height / full length add-in cards. The low profile riser slot (J5B1) supports riser cards that support low
profile PCI Express* add-in cards. The following tables show the pin-out for these riser slots.
Table 17. Low-profile Riser Slot Pin-out (J5B1)
Pin Side B
PCI Spec Signal
Pin Side A
PCI Spec Signal
1
P12V
1
2
P12V
2
P12V
3
P12V
3
P12V
4
GND
4
GND
5
SMB_PCI3V3SB_CLK
5
PD_LP_TCK
6
SMB_PCI3V3SB_DAT
6
PU_LP_TDI
7
GND
7
FP_CHASSIS_INTRU
8
P3V3
8
PU_LP_TMS
9
PD_LPTRST_N
9
P3V3
10
P3V3_AUX
10
P3V3
11
PE_WAKE_N
11
PE_RST_LP_N
12
P3V3
12
GND
13
GND
13
CLK_100M_LP_PCIE_SLOT1_P
14
PE4_MCH_TXP_C <3..0>
0
14
CLK_100M_LP_PCIE_SLOT1_N
15
PE4_MCH_TXN_C <3..0>
0
15
GND
16
GND
16
PE4_MCH_RXP <3..0>
0
17
17
PE4_MCH_RXN <3..0>
0
18
GND
18
GND
19
PE4_MCH_TXP_C <3..0>
1
19
P3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com