Electronic Components Datasheet Search
  English  ▼

X  

S5000XAL Datasheet(PDF) 48 Page - Intel Corporation

Part # S5000XAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000XAL Datasheet(HTML) 48 Page - Intel Corporation

Back Button S5000XAL Datasheet HTML 44Page - Intel Corporation S5000XAL Datasheet HTML 45Page - Intel Corporation S5000XAL Datasheet HTML 46Page - Intel Corporation S5000XAL Datasheet HTML 47Page - Intel Corporation S5000XAL Datasheet HTML 48Page - Intel Corporation S5000XAL Datasheet HTML 49Page - Intel Corporation S5000XAL Datasheet HTML 50Page - Intel Corporation S5000XAL Datasheet HTML 51Page - Intel Corporation S5000XAL Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Connector / Header Locations and Pin-outs
Revision 1.7
Intel order number: D31979-010
49
Pin-Side B PCI Spec Signal Pin-Side A PCI Spec Signal
128
GND
128
HSIp(0)
127
GND
127
HSIn(0)
126
HSOp(1)
126
GND
125
HSOn(1)
125
GND
124
GND
124
HSIp(1)
123
GND
123
HSIn(1)
122
HSOp(2)
122
GND
121
HSOn(2)
121
GND
120
GND
120
HSIp(2)
119
GND
119
HSIn(2)
118
HSOp(3)
118
GND
117
HSOn(3)
117
GND
116
GND
116
HSIp(3)
115
GND
115
HSIn(3)
114
HSOp(4)
114
GND
113
HSOn(4)
113
GND
112
GND
112
HSIp(4)
111
GND
111
HSIn(4)
110
HSOp(5)
110
GND
109
HSOn(6)
109
GND
108
GND
108
HSIp(5)
107
GND
107
HSIn(5)
106
HSOp(6)
106
GND
105
HSOn(6)
105
GND
104
GND
104
HSIp(6)
103
GND
103
HSIn(6)
102
HSOp(7)
102
GND
101
HSOn(7)
101
GND
100
GND
100
HSIp(7)
99
+5V
99
HSIn(7)
98
INTB#
98
GND
97
INTD#
97
ZCR_PRSNT_L
96
+5V
96
+5V
95
Reserved
95
+5V
94
+5V
94
ZCR_MSKID_L
93
IOP INTA
93
+5V
92
IOP INTB
92
INTA#
91
GND
91
INTC#
90
CLK3
90
GND
89
GND
89
REQ3#
88
CLK2
88
GND
87
GND
87
GNT3#
86
REQ2#
86
GND
85
GND
85
RST#
84
Reserved
84
GND
83
GND
83
Reserved
KEY
KEY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com