Electronic Components Datasheet Search
  English  ▼

X  

S5000XAL Datasheet(PDF) 36 Page - Intel Corporation

Part # S5000XAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000XAL Datasheet(HTML) 36 Page - Intel Corporation

Back Button S5000XAL Datasheet HTML 32Page - Intel Corporation S5000XAL Datasheet HTML 33Page - Intel Corporation S5000XAL Datasheet HTML 34Page - Intel Corporation S5000XAL Datasheet HTML 35Page - Intel Corporation S5000XAL Datasheet HTML 36Page - Intel Corporation S5000XAL Datasheet HTML 37Page - Intel Corporation S5000XAL Datasheet HTML 38Page - Intel Corporation S5000XAL Datasheet HTML 39Page - Intel Corporation S5000XAL Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Functional Architecture
Revision 1.7
Intel order number: D31979-010
37
3.3.1.1
Video Modes
The ATI ES1000 chip supports all standard IBM* VGA modes. The following table shows the 2D modes
supported for both CRT and LCD.
Table 5. Video Modes
2D Video Mode Support
2D Mode
Refresh Rate (Hz)
8 bpp
16 bpp
32 bpp
640x480
60, 72, 75, 85, 90,
100, 120, 160, 200
Supported
Supported
Supported
800x600
60, 70, 72, 75, 85,
90, 100, 120,160
Supported
Supported
Supported
1024x768
60, 70, 72,
75,85,90,100
Supported
Supported
Supported
1152x864
43,47,60,70,75,80,85
Supported
Supported
Supported
1280x1024
60,70,74,75
Supported
Supported
Supported
1600x1200
52
Supported
Supported
Supported
3.3.1.2
Video Memory Interface
The memory controller sub-system of the ES1000 arbitrates requests from the direct memory interface,
the VGA graphics controller, the drawing co-processor, the display controller, the video scalar, and the
hardware cursor. Requests are serviced in a manner that ensures display integrity and maximum
CPU/co-processor drawing performance.
The server board supports a 16MB (4Meg x 16-bit x 4 banks) DDR SDRAM device for video memory.
3.3.1.3
Dual Video
The BIOS supports single and dual video modes. The dual video mode is enabled by default.
•
In single mode (Dual Monitor Video = Disabled), the on-board video controller is disabled when
an add-in video card is detected.
•
In dual mode (On-board Video = Enabled, Dual Monitor Video = Enabled), the on-board video
controller is enabled and will be the primary video device. The external video card will be
allocated resources and is considered the secondary video device. BIOS Setup provides user
options to configure the feature as follows.
On-board Video
Enabled
Disabled
Dual Monitor Video
Enabled
Disabled
Shaded if on-board video is set to "Disabled"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com