Electronic Components Datasheet Search
  English  ▼

X  

MAX11041 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11041
Description  Wired Remote Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11041 Datasheet HTML 4Page - Maxim Integrated Products MAX11041 Datasheet HTML 5Page - Maxim Integrated Products MAX11041 Datasheet HTML 6Page - Maxim Integrated Products MAX11041 Datasheet HTML 7Page - Maxim Integrated Products MAX11041 Datasheet HTML 8Page - Maxim Integrated Products MAX11041 Datasheet HTML 9Page - Maxim Integrated Products MAX11041 Datasheet HTML 10Page - Maxim Integrated Products MAX11041 Datasheet HTML 11Page - Maxim Integrated Products MAX11041 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Keypress Detection and Debounce
At power-up, the MAX11041 begins to monitor the
SENSE input for keypresses. When the MAX11041
detects a keypress at SENSE, it attempts to debounce
the SENSE input. After successful debouncing of the
input, the corresponding keypress result is inserted into
the FIFO. In addition, INT goes low to signal a keypress
to the µP.
Keypress FIFO and Time Duration
After detecting and debouncing a key, the decoded
key is stored in one byte of the 8-word FIFO. A 7-bit
internal timer starts counting the duration of the key-
press (one count = 32ms) and the result is stored after
each increment in another byte of the 8-word FIFO. The
8th bit in the time duration byte is an overflow bit that
is set when the count reaches 128. After the count
reaches 128, the 7-bit timer rolls over to 0 and contin-
ues to count while the 8th bit becomes set and stays
set until the associated FIFO entry is cleared. For key-
press durations longer than 8.16s, see the
Extended
Keypresses section.
When the device detects another change in resistance
at SENSE (either by key release or another keypress),
the count resets and the FIFO begin recording the next
keypress/duration. This allows the 8-word FIFO to store
time duration and key-type information for up to four
keypresses and releases. When the FIFO is full and a
key is pressed, the oldest keypress information in the
FIFO is written over. Writing to the power-down bit (bit
6) in the control register or bringing SHDN low clears
the FIFO to its power-on-reset (POR) state.
Wired Remote Controller
8
_______________________________________________________________________________________
➂
➁
➀
➃
1. DEBOUNCED KEYPRESS STORED IN FIFO AND INT GOES LOW, DURATION
TIMER STARTS.
2. PROCESSOR READS FIFO AND INT GOES HIGH. KEY TYPE AND CURRENT
KEYPRESS DURATION TIME SENT. FIFO IS NOT CLEARED.
3. KEYPRESS RELEASES AND INT GOES LOW. KEY TYPE AND FINAL KEYPRESS
DURATION TIME STORED IN FIFO.
4. PROCESSOR READS THE FIFO AND INT GOES HIGH. KEYPRESS INFORMATION
STORED IN FIFO FROM STEP 3 IS CLEARED.
KEY TYPE
TIME
TIME
VINT
Figure 3. Reading the FIFO While the Key is Still Pressed
➂
➁
➀
TIME
TIME
VINT
1. DEBOUNCED KEYPRESS STORED IN FIFO AND INT GOES LOW.
DURATION TIMER STARTS.
2. KEYPRESS RELEASES. KEY TYPE AND KEYPRESS TIME
DURATION INFORMATION STORED IN FIFO.
3. PROCESSOR READS FIFO COMPLETELY AND INT GOES HIGH.
PREVIOUS KEYPRESS INFORMATION CLEARED.
KEY TYPE
Figure 4. Reading the FIFO After the Key is Released
BIT NAMES
CHIP ID
I7
I6
I5
I4
I3
I2
I1
I0
MAX11041
0
0000
000
Table 3. Chip ID Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com