Electronic Components Datasheet Search
  English  ▼

X  

MAX11041 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11041
Description  Wired Remote Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11041 Datasheet HTML 9Page - Maxim Integrated Products MAX11041 Datasheet HTML 10Page - Maxim Integrated Products MAX11041 Datasheet HTML 11Page - Maxim Integrated Products MAX11041 Datasheet HTML 12Page - Maxim Integrated Products MAX11041 Datasheet HTML 13Page - Maxim Integrated Products MAX11041 Datasheet HTML 14Page - Maxim Integrated Products MAX11041 Datasheet HTML 15Page - Maxim Integrated Products MAX11041 Datasheet HTML 16Page - Maxim Integrated Products MAX11041 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Simultaneous Keypress Detection
Certain applications require the detection of
simultaneous keypresses, such as <SHIFT+KEY> and
<FUNCTION+KEY> combinations. This is done in
software. For instance, the µP detects the SHIFT key is
being pressed. When the µP detects an additional key-
press instead of a key release, it knows the corre-
sponding code is a result of two resistors
in parallel.
Order of Keypress Detection
Some applications require detection of the specific
sequence of keys in software by looking for unique key
presses within 32 ticks (1s). If the duration between
keypresses exceeds the allowed time, assume the key-
press is in error and return to the previous known state.
Power-Up Jack Detect and Keypress
Example
Figure 10 illustrates the FIFO entries during a typical
sequence of events.
Layout, Grounding, and Bypassing
Position RSENSE and CSENSE as close to the device as
possible. Bypass VDD with a 0.1µF capacitor to GND as
close to the device as possible. Connect GND to a
quiet analog ground plane. Route digital lines away
from SENSE and FORCE.
Wired Remote Controller
___________________________________________________________________________________
13
Figure 10. Software Implemented Hold-Switch Configuration
WIRED REMOTE CONTROLLER
RJACK
RSW0
RSW1
RSW30
FORCE
HOLD SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com