Electronic Components Datasheet Search
  English  ▼

X  

MAX11041 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11041
Description  Wired Remote Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11041 Datasheet HTML 1Page - Maxim Integrated Products MAX11041 Datasheet HTML 2Page - Maxim Integrated Products MAX11041 Datasheet HTML 3Page - Maxim Integrated Products MAX11041 Datasheet HTML 4Page - Maxim Integrated Products MAX11041 Datasheet HTML 5Page - Maxim Integrated Products MAX11041 Datasheet HTML 6Page - Maxim Integrated Products MAX11041 Datasheet HTML 7Page - Maxim Integrated Products MAX11041 Datasheet HTML 8Page - Maxim Integrated Products MAX11041 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +4.0V
INT to GND .................................................-0.3V to (VDD + 0.3V)
SCL, SDA, A1, A0, SHDN to GND.........................-0.3V to +4.0V
FORCE, SENSE to GND.........................................................±6V
Current into Any Pin..........................................................±50mA
Maximum ESD per IEC 61000-4-2
Human Body Model, FORCE, SENSE............................±15kV
FORCE, SENSE Short to GND....................................Continuous
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
ELECTRICAL CHARACTERISTICS
(VDD = +1.6V to 3.6V, CSENSE = 10nF, RSENSE = 10kΩ, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
KEY DETECTION CHARACTERISTICS
Detectable Keys
Provided the keys meet the next three
specifications; RJACK connected; use
recommended circuit
30
Keys
Maximum Switch Resistance
(Note 1)
100
Ω
Maximum Switch Bounce Time
(Note 1)
13
ms
External Resistor Tolerance
(Note 1)
±1
%
SWITCH DEBOUNCE
Debounce Analog Time Constant
CSENSE = 10nF, external resistor from
FORCE to SENSE is 10k
Ω (RSENSE)
0.4
ms
Chatter Rejection
Pulses shorter than this are ignored
18
ms
Rising Voltage Debounce Time
tCPW
Time required for a new voltage (due to
keypress) to be detected and stored in
FIFO
18
ms
Falling Voltage Debounce Time
tLPWS
Time required for detection of key release
and final time duration to be stored in FIFO
18
ms
Jack Insertion Debounce Time
(Note 2)
18
ms
Jack Removal Debounce Time
(Note 2)
18
ms
DURATION COUNTER
Duration-Counter Resolution
One tick
32
ms
Duration-Counter Range
MSB is overflow bit
0
127
Counts
Duration-Counter Accuracy
±20
%
DIGITAL INPUTS (SDA, SCL,
SHDN, A0, A1)
Input High Voltage
VIH
0.7 x
VDD
V
Input Low Voltage
VIL
0.3 x
VDD
V
Input Leakage Current
IIH, IIL
-10
+10
µA
Input Hysteresis
9%VDD
Input Capacitance
10
pF
Wired Remote Controller
2
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com