Electronic Components Datasheet Search
  English  ▼

X  

MAX11041 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11041
Description  Wired Remote Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11041 Datasheet HTML 1Page - Maxim Integrated Products MAX11041 Datasheet HTML 2Page - Maxim Integrated Products MAX11041 Datasheet HTML 3Page - Maxim Integrated Products MAX11041 Datasheet HTML 4Page - Maxim Integrated Products MAX11041 Datasheet HTML 5Page - Maxim Integrated Products MAX11041 Datasheet HTML 6Page - Maxim Integrated Products MAX11041 Datasheet HTML 7Page - Maxim Integrated Products MAX11041 Datasheet HTML 8Page - Maxim Integrated Products MAX11041 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Wired Remote Controller
4
_______________________________________________________________________________________
Note 1: Recommended properties of external switch for proper detection of 30 keys or key combinations.
Note 2: See the
Jack Insertion/Removal Detection section.
Note 3: Cb is the bus capacitance in pF.
Note 4: Key current depends on external key resistors and is calculated by VDD / (30.1kΩ + RSW).
Figure 1. I2C Serial-Interface Timing
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +1.6V to 3.6V, CSENSE = 10nF, RSENSE = 10kΩ, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Power-Supply Voltage
VDD
1.6
3.6
V
Excluding jack/key current
5
20
Average Operational Supply
Current
IDDOP
Jack inserted, RJACK = 619k
Ω
8
µA
Shutdown Power-Supply Current
IDDSHDN
Excluding jack/key current
1
µA
Jack Current
IDDJACK
Flowing when jack is inserted
4
µA
Key Current
IDDBUTTON Flowing when keys pressed (Note 4)
90
µA
SHDN High to Part Active
Wake-up time
5
ms
tHD,STA
tSU,DAT
SDA
tHD,DAT
SCL
STOP CONDITION
(P)
tSU,STA
tSU,STO
tLOW
tBUF
START CONDITION
(S)
tHD,STA
tHIGH
tRR,tRT
tFR,tFT
tRR
tFR
START CONDITION
(S)
REPEAT START CONDITION
(Sr)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com