Electronic Components Datasheet Search
  English  ▼

X  

MAX11041 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11041
Description  Wired Remote Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11041 Datasheet HTML 1Page - Maxim Integrated Products MAX11041 Datasheet HTML 2Page - Maxim Integrated Products MAX11041 Datasheet HTML 3Page - Maxim Integrated Products MAX11041 Datasheet HTML 4Page - Maxim Integrated Products MAX11041 Datasheet HTML 5Page - Maxim Integrated Products MAX11041 Datasheet HTML 6Page - Maxim Integrated Products MAX11041 Datasheet HTML 7Page - Maxim Integrated Products MAX11041 Datasheet HTML 8Page - Maxim Integrated Products MAX11041 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Wired Remote Controller
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +1.6V to 3.6V, CSENSE = 10nF, RSENSE = 10kΩ, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL OUTPUTS (SDA,
INT)
Output High Voltage (INT)VOH
ISOURCE
≤ 2mA
0.9 x
VDD
V
Output Low Voltage (INT)VOLINT
ISINK
≤ 2mA
0.1 x
VDD
V
Output High Leakage Current
IOHL
VOUT = VDD
1µA
IOL = 3mA for VDD > 2V
0.4
V
Output Low Voltage (SDA)
VOLSDA
IOL = 3mA for VDD < 2V
0.2 x
VDD
V
I2C TIMING CHARACTERISTICS (see Figure 1)
Serial Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
Hold Time (Repeated) START
Condition
tHD,STA
0.6
µs
SCL Pulse-Width Low
tLOW
1.3
µs
SCL Pulse-Width High
tHIGH
0.6
µs
Setup Time for a Repeated
START Condition
tSU,STA
0.6
µs
Data Hold Time
tHD,DAT
0
900
ns
Data Setup Time
tSU,DAT
100
ns
SDA and SCL Receiving Rise
Time
tRR
(Note 3)
20 +
Cb / 10
300
ns
SDA and SCL Receiving Fall
Time
tFR
(Note 3)
20 +
Cb / 10
300
ns
SDA Transmitting Rise Time
tRT
VDD = 3.6V (Note 3)
20 +
Cb / 10
250
ns
VDD = 2.4V to 3.6V
20 +
Cb / 20
250
SDA Transmitting Fall Time
tFT
VDD = 1.6V to 2.4V
20 +
Cb / 20
375
ns
Setup Time for STOP Condition
tSU,STO
0.6
µs
Bus Capacitance
Cb
400
pF
Pulse Width of Suppressed Spike
tSP
050
ns
____________________________________________________________________________________
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com