Electronic Components Datasheet Search
  English  ▼

X  

MAX11041 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11041
Description  Wired Remote Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11041 Datasheet HTML 1Page - Maxim Integrated Products MAX11041 Datasheet HTML 2Page - Maxim Integrated Products MAX11041 Datasheet HTML 3Page - Maxim Integrated Products MAX11041 Datasheet HTML 4Page - Maxim Integrated Products MAX11041 Datasheet HTML 5Page - Maxim Integrated Products MAX11041 Datasheet HTML 6Page - Maxim Integrated Products MAX11041 Datasheet HTML 7Page - Maxim Integrated Products MAX11041 Datasheet HTML 8Page - Maxim Integrated Products MAX11041 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX11041 wired remote controller converts up to
30 different pushbuttons into an I2C register. Together
with low-cost pushbutton switches and 1% resistors,
the MAX11041 is a total solution over a single-wire
interface. A wired remote controller easily piggybacks
to a standard 3.5mm headphone jack using a fourth
contact or one of the audio signals.
To conserve battery life, the MAX11041 consumes only
5µA (typ) while reading keypresses in real time without
microprocessor (µP) polling. The device sends the
debounced keypress along with key duration to the
application processor over the I2C interface. An 8-word
FIFO buffer records up to four keypress events to allow
plenty of time for the application processor to respond
to the MAX11041.
The MAX11041 includes ±15kV ESD protection devices
on the FORCE and SENSE inputs to ensure IEC 61000-4-2
compliance without any external ESD devices.
The MAX11041 is available in a 12-pin TQFN package.
The device is specified over the extended temperature
range (-40°C to +85°C).
Applications
Features
o Detect Up to 30 Different Keys and Jack
Insertion/Removal
o Works with Either 32Ω or 16Ω Headphones
o Adds Remote-Control Functionality to Devices
Using a Simple Resistor and Switch Array
o Low-Power Operation Consuming a Supply
Current of Only 5µA (typ)
o Works with Standard 2.5mm or 3.5mm 4-Pin
Headphone Jacks
o Supports Hold Function to Lockout Keys
o 100kHz/400kHz I2C Interface
o Single 1.6V to 3.6V Supply Voltage Range
o ±15kV ESD Protection (IEC 61000-4-2)
Wired Remote Controller
________________________________________________________________
Maxim Integrated Products
1
19-3984; Rev 3; 1/10
For pricing delivery, and ordering information please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
12
11
10
4
5
6
12
VDD
3
98
7
FORCE
A0
A1
N.C.
MAX11041
INT
THIN QFN
(4mm x 4mm x 0.6mm)
+
TOP VIEW
EXPOSED PAD CONNECTED TO GND.
Pin Configuration
Ordering Information
*
EP = Exposed pad.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
Multimedia Controls for
Multimedia-Enabled
Cell Phones
Keyboard Encoder for
Slider, Flip, and other
Cell Phones
Portable Media Players
MP3, CD, DVD Players
PDAs
Digital Still Cameras
PDA Accessory
Keyboards
Multimedia Desktop
Speakers
Portable Game
Consoles
PART
TEMP RANGE
PIN-PACKAGE
MAX11041ETC+
-40°C to +85°C
12 TQFN-EP*


Similar Part No. - MAX11041

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041 Datasheet
310Kb / 19P
Wired Remote Controllers
Rev 1; 8/07
MAX11041 MAXIM-MAX11041 Datasheet
235Kb / 17P
Wired Remote Controllers
Rev 2; 11/08
MAX11041ETC+ MAXIM-MAX11041ETC+ Datasheet
310Kb / 19P
Wired Remote Controllers
Rev 1; 8/07
MAX11041ETC+ MAXIM-MAX11041ETC+ Datasheet
235Kb / 17P
Wired Remote Controllers
Rev 2; 11/08
MAX11041 MAXIM-MAX11041_08 Datasheet
235Kb / 17P
Wired Remote Controllers
Rev 2; 11/08
More results

Similar Description - MAX11041

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1475M SANYO-LB1475M Datasheet
99Kb / 4P
2-Wire Type Wired Remote Controller
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
Remote Controller MCU
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
Remote Controller MCU
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041 Datasheet
310Kb / 19P
Wired Remote Controllers
Rev 1; 8/07
MAX11041 MAXIM-MAX11041_08 Datasheet
235Kb / 17P
Wired Remote Controllers
Rev 2; 11/08
logo
Ningbo Foryard Optoelec...
FY-V300-DC12V FORYARD-FY-V300-DC12V Datasheet
207Kb / 5P
Wired RGB Controller
logo
Unisonic Technologies
UT912E UTC-UT912E_10 Datasheet
190Kb / 8P
ENCODER FOR REMOTE CONTROLLER
logo
List of Unclassifed Man...
TX-F02 ETC2-TX-F02 Datasheet
264Kb / 5P
Wireless Remote Controller/Transmitter
logo
E-CMOS Corporation
ECF9000 E-CMOS-ECF9000 Datasheet
387Kb / 3P
RFID remote controller
logo
Unisonic Technologies
RCR02 UTC-RCR02_18 Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com