Electronic Components Datasheet Search
  English  ▼

X  

STM32F101XB Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32F101XB
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XB Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32F101XB Datasheet HTML 50Page - STMicroelectronics STM32F101XB Datasheet HTML 51Page - STMicroelectronics STM32F101XB Datasheet HTML 52Page - STMicroelectronics STM32F101XB Datasheet HTML 53Page - STMicroelectronics STM32F101XB Datasheet HTML 54Page - STMicroelectronics STM32F101XB Datasheet HTML 55Page - STMicroelectronics STM32F101XB Datasheet HTML 56Page - STMicroelectronics STM32F101XB Datasheet HTML 57Page - STMicroelectronics STM32F101XB Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
Electrical characteristics
STM32F101x8, STM32F101xB
54/85
Doc ID 13586 Rev 13
Figure 23.
Standard I/O input characteristics - CMOS port
Figure 24.
Standard I/O input characteristics - TTL port
ai17277b
VDD (V)
1.3
0.8
2
3.6
Input range
not guaranteed
1.59
1
2.7
VIH=0.41(VDD
-2)+1.3
3
0.7
CMOS
standa
rd requ
irement
V IH=0.65V
DD
3.3
VIH/VIL (V)
CMOS stand
ard requirement
VIL=0.3
5VDD
VIL = 0.28
(VDD–2)+0.
8
1.25
1.96
1.71
1.71
1.59
1
1.08
1.08
V
ILmax
V
IHmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com