Electronic Components Datasheet Search
  English  ▼

X  

STM32F101XB Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32F101XB
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32F101XB Datasheet HTML 46Page - STMicroelectronics STM32F101XB Datasheet HTML 47Page - STMicroelectronics STM32F101XB Datasheet HTML 48Page - STMicroelectronics STM32F101XB Datasheet HTML 49Page - STMicroelectronics STM32F101XB Datasheet HTML 50Page - STMicroelectronics STM32F101XB Datasheet HTML 51Page - STMicroelectronics STM32F101XB Datasheet HTML 52Page - STMicroelectronics STM32F101XB Datasheet HTML 53Page - STMicroelectronics STM32F101XB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 85 page
background image
Electrical characteristics
STM32F101x8, STM32F101xB
50/85
Doc ID 13586 Rev 13
Table 28.
Flash memory endurance and data retention
5.3.10
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Functional EMS (Electromagnetic susceptibility)
While a simple application is executed on the device (toggling 2 LEDs through I/O ports). the
device is stressed by two electromagnetic events until a failure occurs. The failure is
indicated by the LEDs:
●
Electrostatic discharge (ESD) (positive and negative) is applied to all device pins until
a functional disturbance occurs. This test is compliant with the IEC 61000-4-2 standard.
●
FTB: A Burst of Fast Transient voltage (positive and negative) is applied to VDD and
VSS through a 100 pF capacitor, until a functional disturbance occurs. This test is
compliant with the IEC 61000-4-4 standard.
A device reset allows normal operations to be resumed.
The test results are given in Table 29. They are based on the EMS levels and classes
defined in application note AN1709.
IDD
Supply current
Read mode
fHCLK = 36 MHz with 1 wait
state, VDD = 3.3 V
20
mA
Write / Erase modes
fHCLK = 36 MHz, VDD = 3.3 V
5mA
Power-down mode / Halt,
VDD = 3.0 to 3.6 V
50
µA
Vprog
Programming voltage
2
3.6
V
1.
Guaranteed by design, not tested in production.
Symbol
Parameter
Conditions
Value
Unit
Min(1)
1.
Based on characterization not tested in production.
Typ
Max
NEND
Endurance
TA = –40 °C to 85 °C
10
kcycles
tRET
Data retention
TA = 85 °C, 1 kcycle
(2)
2.
Cycling performed over the whole temperature range.
30
Years
TA = 55 °C, 10 kcycle
(2)
20
Table 27.
Flash memory characteristics (continued)
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com