Electronic Components Datasheet Search
  English  ▼

X  

STM32F101XB Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F101XB
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F101XB Datasheet HTML 6Page - STMicroelectronics STM32F101XB Datasheet HTML 7Page - STMicroelectronics STM32F101XB Datasheet HTML 8Page - STMicroelectronics STM32F101XB Datasheet HTML 9Page - STMicroelectronics STM32F101XB Datasheet HTML 10Page - STMicroelectronics STM32F101XB Datasheet HTML 11Page - STMicroelectronics STM32F101XB Datasheet HTML 12Page - STMicroelectronics STM32F101XB Datasheet HTML 13Page - STMicroelectronics STM32F101XB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
Description
STM32F101x8, STM32F101xB
10/85
Doc ID 13586 Rev 13
2
Description
The STM32F101xB and STM32F101x8 medium-density access line family incorporates the
high-performance ARM Cortex™-M3 32-bit RISC core operating at a 36 MHz frequency,
high-speed embedded memories (Flash memory up to 128 Kbytes and SRAM up to 16
Kbytes), and an extensive range of enhanced peripherals and I/Os connected to two APB
buses. All devices offer standard communication interfaces (two I2Cs, two SPIs, and up to
three USARTs), one 12-bit ADC and three general-purpose 16-bit timers.
The STM32F101xx medium-density access line family operates in the –40 to +85 °C
temperature range, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving
mode allows the design of low-power applications.
The STM32F101xx medium-density access line family includes devices in four different
packages ranging from 36 pins to 100 pins. Depending on the device chosen, different sets
of peripherals are included, the description below gives an overview of the complete range
of peripherals proposed in this family.
These features make the STM32F101xx medium-density access line microcontroller family
suitable for a wide range of applications:
●
Application control and user interface
●
Medical and handheld equipment
●
PC peripherals, gaming and GPS platforms
●
Industrial applications: PLC, inverters, printers, and scanners
●
Alarm systems, Video intercom, and HVAC
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com