Electronic Components Datasheet Search
  English  ▼

X  

STM32F101XB Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32F101XB
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XB Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32F101XB Datasheet HTML 77Page - STMicroelectronics STM32F101XB Datasheet HTML 78Page - STMicroelectronics STM32F101XB Datasheet HTML 79Page - STMicroelectronics STM32F101XB Datasheet HTML 80Page - STMicroelectronics STM32F101XB Datasheet HTML 81Page - STMicroelectronics STM32F101XB Datasheet HTML 82Page - STMicroelectronics STM32F101XB Datasheet HTML 83Page - STMicroelectronics STM32F101XB Datasheet HTML 84Page - STMicroelectronics STM32F101XB Datasheet HTML 85Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 82 / 85 page
background image
Revision history
STM32F101x8, STM32F101xB
82/85
Doc ID 13586 Rev 13
14-Mar-2008
5
Figure 2: Clock tree on page 13 added.
CRC added (see CRC (cyclic redundancy check) calculation unit on
page 9 and Figure 8: Memory map on page 28 for address).
Maximum TJ value given in Table 7: Thermal characteristics on page 32.
PD, TA and TJ added, tprog values modified and tprog description clarified
in Table 27: Flash memory characteristics on page 49.
IDD modified in Table 15: Typical and maximum current consumptions in
Stop and Standby modes on page 38.
ACCHSI modified in Table 23: HSI oscillator characteristics on page 48,
note 2 removed.
tRET modified in Table 28: Flash memory endurance and data retention.
VNF(NRST) unit corrected in Table 36: NRST pin characteristics on
page 58.
Table 40: SPI characteristics on page 62 modified.
IVREF added in Table 41: ADC characteristics on page 65.
Table 43: ADC accuracy - limited test conditions added. Table 44: ADC
accuracy modified.
LQFP100 package specifications updated (see Section 6: Package
characteristics on page 70).
Recommended LQFP100, LQFP64, LQFP48 and VFQFPN36 footprints
added (see Figure 42, Figure 44, Figure 46 and Figure 40).
Section 6.2: Thermal characteristics on page 76 modified.
Appendix A: Important notes removed.
21-Mar-2008
6
Small text changes.
In Table 28: Flash memory endurance and data retention:
–NEND tested over the whole temperature range
– cycling conditions specified for tRET
–tRET min modified at TA = 55 °C
Figure 2: Clock tree corrected. Figure 8: Memory map clarified.
V25, Avg_Slope and TL modified in Table 45: TS characteristics.
CRC feature removed.
22-May-2008
7
Section 1: Introduction modified, Section 2.2: Full compatibility
throughout the family added. CRC feature added.
IDD_VBAT removed from Table 21: Typical current consumption in Standby
mode on page 42.
Values added to Table 39: SCL frequency (fPCLK1= 36 MHz, VDD = 3.3
V) on page 61.
Figure 30: SPI timing diagram - slave mode and CPHA = 0 on page 63
modified. Equation 1 corrected.
Section 6.2.2: Evaluating the maximum junction temperature for an
application on page 77 added.
Axx option added to Table 52: Ordering information scheme on page 78.
Table 53.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com