Electronic Components Datasheet Search
  English  ▼

X  

STM32F101XB Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F101XB
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XB Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F101XB Datasheet HTML 76Page - STMicroelectronics STM32F101XB Datasheet HTML 77Page - STMicroelectronics STM32F101XB Datasheet HTML 78Page - STMicroelectronics STM32F101XB Datasheet HTML 79Page - STMicroelectronics STM32F101XB Datasheet HTML 80Page - STMicroelectronics STM32F101XB Datasheet HTML 81Page - STMicroelectronics STM32F101XB Datasheet HTML 82Page - STMicroelectronics STM32F101XB Datasheet HTML 83Page - STMicroelectronics STM32F101XB Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
Revision history
STM32F101x8, STM32F101xB
80/85
Doc ID 13586 Rev 13
18-Oct-2007
3
VESD(CDM) value added to Table 31: ESD absolute maximum ratings.
Note added below Table 10: Embedded reset and power control block
characteristics. and below Table 21: HSE 4-16 MHz oscillator
characteristics.
Note added below Table 34: Output voltage characteristics and VOH
parameter description modified.
Table 41: ADC characteristics and Table 43: ADC accuracy - limited test
conditions modified.
Figure 33: ADC accuracy characteristics modified.
Packages are ECOPACK® compliant.
Tables modified in Section 5.3.5: Supply current characteristics.
ADC and ANTI_TAMPER signal names modified (see Table 4: Medium-
density STM32F101xx pin definitions). Table 4: Medium-density
STM32F101xx pin definitions modified. Note 4 removed and values
updated in Table 21: Typical current consumption in Standby mode.
Vhys modified in Table 33: I/O static characteristics.
Updated: Table 29: EMS characteristics and Table 30: EMI
characteristics.
tVDD modified in Table 9: Operating conditions at power-up / power-
down.
Typical values modified, note 2 modified and note 3 removed in Table 25:
Low-power mode wakeup timings.
Maximum current consumption Table 12, Table 13 and Table 14 updated.
Values added and notes added in Table 15: Typical and maximum
current consumptions in Stop and Standby modes.
On-chip peripheral current consumption on page 43 added.
Package mechanical data inch values are calculated from mm and
rounded to 4 decimal digits (see Section 6: Package characteristics).
Vprog added to Table 27: Flash memory characteristics.
TS_temp added to Table 45: TS characteristics.
TS_vrefint added to Table 11: Embedded internal reference voltage.
Handling of unused pins specified in General input/output characteristics
on page 52. All I/Os are CMOS and TTL compliant.
Table 4: Medium-density STM32F101xx pin definitions: table clarified
and Note 7 modified.
Internal LSI RC frequency changed from 32 to 40 kHz (see Table 24: LSI
oscillator characteristics). Values added to Table 25: Low-power mode
wakeup timings. NEND modified in Table 28: Flash memory endurance
and data retention.
Option byte addresses corrected in Figure 8: Memory map.
ACCHSI modified in Table 23: HSI oscillator characteristics.
tJITTER removed from Table 26: PLL characteristics.
Appendix A: Important notes on page 71 added.
Added: Figure 13, Figure 14, Figure 16 and Figure 18.
Table 53.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com