Electronic Components Datasheet Search
  English  ▼

X  

STM32F101XB Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32F101XB
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XB Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32F101XB Datasheet HTML 52Page - STMicroelectronics STM32F101XB Datasheet HTML 53Page - STMicroelectronics STM32F101XB Datasheet HTML 54Page - STMicroelectronics STM32F101XB Datasheet HTML 55Page - STMicroelectronics STM32F101XB Datasheet HTML 56Page - STMicroelectronics STM32F101XB Datasheet HTML 57Page - STMicroelectronics STM32F101XB Datasheet HTML 58Page - STMicroelectronics STM32F101XB Datasheet HTML 59Page - STMicroelectronics STM32F101XB Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
Electrical characteristics
STM32F101x8, STM32F101xB
56/85
Doc ID 13586 Rev 13
Output voltage levels
Unless otherwise specified, the parameters given in Table 34 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 8. All I/Os are CMOS and TTL compliant.
Table 34.
Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
1.
The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 6
and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output Low level voltage for an I/O pin
when 8 pins are sunk at the same time
TTL port,
IIO = +8 mA,
2.7 V < VDD < 3.6 V
0.4
V
VOH
(2)
2.
The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 6 and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output High level voltage for an I/O pin
when 8 pins are sourced at the same time
VDD–0.4
VOL
(1)
Output low level voltage for an I/O pin
when 8 pins are sunk at the same time
CMOS port
IIO = +8 mA
2.7 V < VDD < 3.6 V
0.4
V
VOH
(2)
Output high level voltage for an I/O pin
when 8 pins are sourced at the same time
2.4
VOL
(1)
Output low level voltage for an I/O pin
when 8 pins are sunk at the same time
IIO = +20 mA
(3)
2.7 V < VDD < 3.6 V
3.
Based on characterization data, not tested in production.
1.3
V
VOH
(2)
Output high level voltage for an I/O pin
when 8 pins are sourced at the same time
VDD–1.3
VOL
(1)
Output low level voltage for an I/O pin
when 8 pins are sunk at the same time
IIO = +6 mA
(3)
2 V < VDD < 2.7 V
0.4
V
VOH
(2)
Output high level voltage for an I/O pin
when 8 pins are sourced at the same time
VDD–0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com