| Electronic Components Datasheet Search |
|
R27 Datasheet(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R27 Datasheet(HTML) 53 Page - Renesas Technology Corp |
|
53 / 487 page ![]() R8C/26 Group, R8C/27 Group 6. Voltage Detection Circuit Rev.2.10 Sep 26, 2008 Page 34 of 453 REJ09B0278-0210 6. Voltage Detection Circuit The voltage detection circuit monitors the input voltage to the VCC pin. This circuit can be used to monitor the VCC input voltage by a program. Alternately, voltage monitor 0 reset (for N, D version only), voltage monitor 1 interrupt (for N, D version only), voltage monitor 1 reset, voltage monitor 2 interrupt, and voltage monitor 2 reset can also be used. Table 6.1 lists the Specifications of Voltage Detection Circuit (N, D version) and Table 6.2 lists the Specifications of Voltage Detection Circuit (J, K Version). Figures 6.1 to 6.6 show the Block Diagrams. Figures 6.7 to 6.12 show the associated registers. Table 6.1 Specifications of Voltage Detection Circuit (N, D version) Item Voltage Detection 0 Voltage Detection 1 Voltage Detection 2 VCC Monitor Voltage to monitor Vdet0 Vdet1 Vdet2 Detection target Whether passing through Vdet0 by rising or falling Passing through Vdet1 by rising or falling Passing through Vdet2 by rising or falling Monitor None VW1C3 bit in VW1C register VCA13 bit in VCA1 register Whether VCC is higher or lower than Vdet1 Whether VCC is higher or lower than Vdet2 Process When Voltage is Detected Reset Voltage monitor 0 reset Voltage monitor 1 reset Voltage monitor 2 reset Reset at Vdet0 > VCC; restart CPU operation at VCC > Vdet0 Reset at Vdet1 > VCC; restart CPU operation after a specified time Reset at Vdet2 > VCC; restart CPU operation after a specified time Interrupt None Voltage monitor 1 interrupt Voltage monitor 2 interrupt Interrupt request at Vdet1 > VCC and VCC > Vdet1 when digital filter is enabled; interrupt request at Vdet1 > VCC or VCC > Vdet1 when digital filter is disabled Interrupt request at Vdet2 > VCC and VCC > Vdet2 when digital filter is enabled; interrupt request at Vdet2 > VCC or VCC > Vdet2 when digital filter is disabled Digital Filter Switch enabled/disabled Available Available Available Sampling time (Divide-by-n of fOCO-S) × 4 n: 1, 2, 4, and 8 (Divide-by-n of fOCO-S) × 4 n: 1, 2, 4, and 8 (Divide-by-n of fOCO-S) × 4 n: 1, 2, 4, and 8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |