Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 70Page - Renesas Technology Corp R27 Datasheet HTML 71Page - Renesas Technology Corp R27 Datasheet HTML 72Page - Renesas Technology Corp R27 Datasheet HTML 73Page - Renesas Technology Corp R27 Datasheet HTML 74Page - Renesas Technology Corp R27 Datasheet HTML 75Page - Renesas Technology Corp R27 Datasheet HTML 76Page - Renesas Technology Corp R27 Datasheet HTML 77Page - Renesas Technology Corp R27 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 487 page
background image
R8C/26 Group, R8C/27 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 55 of 453
REJ09B0278-0210
Figure 7.2
Configuration of Programmable I/O Ports (2)
P1_6
Direction
register
Data bus
Pull-up selection
Input to individual peripheral function
1
Output from individual peripheral function
P1_5 and P1_7
Direction
register
Data bus
Pull-up selection
Input to individual peripheral function
1
Input to external interrupt
Digital
filter
Output from individual peripheral function
Port latch
Port latch
NOTE:
1.
symbolizes a parasitic diode.
Ensure the input voltage to each port does not exceed VCC.
(Note 1)
(Note 1)
(Note 1)
(Note 1)
Drive capacity select
(For N, D version only)
Drive capacity select
(For N, D version only)
Drive capacity select
(For N, D version only)
Drive capacity select
(For N, D version only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com