Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 86Page - Renesas Technology Corp R27 Datasheet HTML 87Page - Renesas Technology Corp R27 Datasheet HTML 88Page - Renesas Technology Corp R27 Datasheet HTML 89Page - Renesas Technology Corp R27 Datasheet HTML 90Page - Renesas Technology Corp R27 Datasheet HTML 91Page - Renesas Technology Corp R27 Datasheet HTML 92Page - Renesas Technology Corp R27 Datasheet HTML 93Page - Renesas Technology Corp R27 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 487 page
background image
R8C/26 Group, R8C/27 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 71 of 453
REJ09B0278-0210
X: 0 or 1
X: 0 or 1
NOTES:
1. Pulled up by setting the PU07 bit in the PUR0 register to 1.
2. N-channel open drain output by setting the SCKOS bit in the SSMR2 register to 1 (N-channel open drain output).
X: 0 or 1
Table 7.27
TRCIOC Pin Setting
Register
PINSR3
TRCOER
TRCMR
TRCIOR1
Function
Bit
TRCIOCSEL
EC
PWM2
PWMC
IOC2
IOC1
IOC0
Setting
value
1
0
1
1
X
X
X
PWM mode waveform output
1
01
0
00
1
Timer waveform output (output compare
function)
10
1
X
10
1
0
1
X
X
Timer mode (input capture function)
11
Other than above
Other than TRCIOC usage conditions
Table 7.28
Port P3_5/SCL/SSCK/(TRCIOD)
Register
PD3
PMR
ICCR1
Clock Synchronous Serial I/O with Chip
Select (Refer to Table 16.4
Association between Communication
Modes and I/O Pins.)
Timer RC setting
Function(2)
Bit
PD3_5
IICSEL
ICE
SSCK output
control
SSCK input
control
−
Setting
value
0
0X
0
0
Other than TRCIOD
usage conditions
Input port(1)
10
0
0
Other than TRCIOD
usage conditions
1
0X
0
0
Other than TRCIOD
usage conditions
Output port
10
0
0
Other than TRCIOD
usage conditions
XX
0
0
0
Refer to Table 7.29
TRCIOD Pin Setting
TRCIOD output
0X
0
0
0
Refer to Table 7.29
TRCIOD Pin Setting
TRCIOD input(1)
X0
X
1
0
Other than TRCIOD
usage conditions
SSCK output(2)
X0
X
0
1
Other than TRCIOD
usage conditions
SSCK input(1)
X1
1
X
X
Other than TRCIOD
usage conditions
SCL input/output
Table 7.29
TRCIOD Pin Setting
Register
PINSR3
TRCOER
TRCMR
TRCIOR1
Function
Bit
TRCIODSEL
EC
PWM2
PWMD
IOD2
IOD1
IOD0
Setting
value
1
0
1
1
X
X
X
PWM mode waveform output
1
01
0
001
Timer waveform output (output
compare function)
10
1
X
10
1
0
1
X
X
Timer mode (input capture function)
11
Other than above
Other than TRCIOD usage conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com