Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 76Page - Renesas Technology Corp R27 Datasheet HTML 77Page - Renesas Technology Corp R27 Datasheet HTML 78Page - Renesas Technology Corp R27 Datasheet HTML 79Page - Renesas Technology Corp R27 Datasheet HTML 80Page - Renesas Technology Corp R27 Datasheet HTML 81Page - Renesas Technology Corp R27 Datasheet HTML 82Page - Renesas Technology Corp R27 Datasheet HTML 83Page - Renesas Technology Corp R27 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 487 page
background image
R8C/26 Group, R8C/27 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 61 of 453
REJ09B0278-0210
Figure 7.9
Pi (i = 0, 1, and 3 to 5) Register
Port Pi Register (i = 0, 1, 3 to 5)
(1, 2, 3)
Symbol
Address
After Reset
P0
00E0h
00h
P1
00E1h
00h
P3
00E5h
00h
P4
00E8h
00h
P5
00E9h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
Bits P4_0, P4_1, P4_3, and P4_4, in the P4 register are unavailable on this MCU.
If it is necessary to set bits P4_0, P4_1, P4_3, and P4_4, set to 0 (“L” level). When read, the content is 0.
Bits P5_0 to P5_2, P5_5 to P5_7 in the P5 register are unavailable on this MCU.
If it is necessary to set bits P5_0 to P5_2, P5_5 to P5_7, set to 0 (“L” level). When read, the content is 0.
Pi_7
Pi_6
RW
Bits P3_0 and P3_2 in the P3 register are unavailable on this MCU.
If it is necessary to set bits P3_0 and P3_2, set to 0 (“L” level). When read, the content is 0.
b3 b2 b1 b0
Pi_1
Pi_5
Pi_0
Pi_2
Pi_4
Pi_3
b7 b6 b5 b4
Port Pi_0 bit
Port Pi_1 bit
Port Pi_7 bit
Port Pi_5 bit
Port Pi_4 bit
Port Pi_3 bit
RW
Port Pi_6 bit
RW
Port Pi_2 bit
RW
The pin level of any I/O port w hich is set
to input mode can be read by reading the
corresponding bit in this register. The pin
level of any I/O port w hich is set to output
mode can be controlled by w riting to the
corresponding bit in this register.
0 : “L” level
1 : “H” level
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com