Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 122Page - Renesas Technology Corp R27 Datasheet HTML 123Page - Renesas Technology Corp R27 Datasheet HTML 124Page - Renesas Technology Corp R27 Datasheet HTML 125Page - Renesas Technology Corp R27 Datasheet HTML 126Page - Renesas Technology Corp R27 Datasheet HTML 127Page - Renesas Technology Corp R27 Datasheet HTML 128Page - Renesas Technology Corp R27 Datasheet HTML 129Page - Renesas Technology Corp R27 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 487 page
background image
R8C/26 Group, R8C/27 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 107 of 453
REJ09B0278-0210
Figure 10.20
Example of Determining Interrupt Source for Oscillation Stop Detection, Watchdog
Timer, Voltage Monitor 1, or Voltage Monitor 2 Interrupt (J, K Version)
Interrupt sources judgement
OCD3 = 1 ?
(XIN clock stopped)
OCD1 = 1
(oscillation stop detection
interrupt enabled) and OCD2 = 1
(on-chip oscillator clock selected
as system clock) ?
VW2C3 = 1 ?
(Watchdog timer
underflow)
To oscillation stop detection
interrupt routine
To voltage monitor 2
interrupt routine
To watchdog timer
interrupt routine
NO
YES
NO
YES
NO
YES
NOTE:
1. This disables multiple oscillation stop detection interrupts.
OCD1 to OCD3: Bits in OCD register
VW2C3: Bit in VW2C register
Set OCD1 bit to 0 (oscillation stop
detection interrupt disabled).(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com