Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 137Page - Renesas Technology Corp R27 Datasheet HTML 138Page - Renesas Technology Corp R27 Datasheet HTML 139Page - Renesas Technology Corp R27 Datasheet HTML 140Page - Renesas Technology Corp R27 Datasheet HTML 141Page - Renesas Technology Corp R27 Datasheet HTML 142Page - Renesas Technology Corp R27 Datasheet HTML 143Page - Renesas Technology Corp R27 Datasheet HTML 144Page - Renesas Technology Corp R27 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 487 page
background image
R8C/26 Group, R8C/27 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 122 of 453
REJ09B0278-0210
12.1.6.8
Returning from an Interrupt Routine
When the REIT instruction is executed at the end of an interrupt routine, the FLG register and PC, which have
been saved to the stack, are automatically restored. The program, that was running before the interrupt request
was acknowledged, starts running again.
Restore registers saved by a program in an interrupt routine using the POPM instruction or others before
executing the REIT instruction.
12.1.6.9
Interrupt Priority
If two or more interrupt requests are generated while a single instruction is being executed, the interrupt with
the higher priority is acknowledged.
Set bits ILVL2 to ILVL0 to select the desired priority level for maskable interrupts (peripheral functions).
However, if two or more maskable interrupts have the same priority level, their interrupt priority is resolved by
hardware, and the higher priority interrupts acknowledged.
The priority levels of special interrupts, such as reset (reset has the highest priority) and watchdog timer, are set
by hardware.
Figure 12.10 shows the Priority Levels of Hardware Interrupts.
The interrupt priority does not affect software interrupts. The MCU jumps to the interrupt routine when the
instruction is executed.
Figure 12.10
Priority Levels of Hardware Interrupts
Address break
Watchdog timer
Oscillation stop detection
Voltage monitor 1(1)
Voltage monitor 2
Peripheral function
Single step
Address match
High
Low
Reset
NOTE:
1. For N, D version only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com