| Electronic Components Datasheet Search |
|
R28 Datasheet(PDF) 304 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R28 Datasheet(HTML) 304 Page - Renesas Technology Corp |
|
304 / 473 page ![]() R8C/28 Group, R8C/29 Group 16. Clock Synchronous Serial Interface Rev.2.10 Sep 26, 2008 Page 285 of 441 REJ09B0279-0210 Figure 16.26 ICMR Register IIC bus Mode Register Symbol Address After Reset ICMR 00BAh 00011000b Bit Symbol Bit Name Function RW MSB-first/LSB-first select bit NOTES: 1. 2. 3. 4. 5. 6. MLS RW RW BC1 BC2 Bits counter 2 to 0 I2C bus format (remaining transfer bit count w hen read out and data bit count of next transfer w hen w ritten).(1,2) b2 b1 b0 0 0 0 : 9 bits(3) 0 0 1 : 2 bits 0 1 0 : 3 bits 0 1 1 : 4 bits 1 0 0 : 5 bits 1 0 1 : 6 bits 1 1 0 : 7 bits 1 1 1 : 8 bits Clock synchronous serial format (w hen read, the remaining transfer bit count and w hen w ritten 000b). b2 b1 b0 0 0 0 : 8 bits 0 0 1 : 1 bit 0 1 0 : 2 bits 0 1 1 : 3 bits 1 0 0 : 4 bits 1 0 1 : 5 bits 1 1 0 : 6 bits 1 1 1 : 7 bits BC0 RW RW 0 BCWP BC w rite protect bit b7 b6 b5 b4 b3 b2 b1 b0 When rew riting bits BC0 to BC2, w rite 0 simultaneously.(2,4) When read, the content is 1. RW The setting value is enabled in master mode of the I2C bus format. It is disabled in slave mode of the I2C bus format or w hen the clock synchronous serial format is used. 0 : No w ait (Transfer data and acknow ledge bit consecutively) 1 : Wait (After the clock falls for the final data bit, “L” period is extended for tw o transfer clocks cycles) Set to 0. RW RW 0 : Data transfer w ith MSB-first(6) 1 : Data transfer w ith LSB-first — (b5) WAIT Set to 0 w hen the I2C bus format is used. When w riting to bits BC0 to BC2, w rite 0 to the BCWP bit using the MOV instruction. — (b4) Nothing is assigned. If necessary, set to 0. When read, the content is 1. — Rew rite betw een transfer frames. When w riting values other than 000b, w rite w hen the SCL signal is “L”. After data including the acknow ledge bit is transferred, these bits are automatically set to 000b. When the start condition is detected, these bits are automatically set to 000b. Do not rew rite w hen the clock synchronous serial format is used. Reserved bit Wait insertion bit(5) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |