Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 303Page - Renesas Technology Corp R28 Datasheet HTML 304Page - Renesas Technology Corp R28 Datasheet HTML 305Page - Renesas Technology Corp R28 Datasheet HTML 306Page - Renesas Technology Corp R28 Datasheet HTML 307Page - Renesas Technology Corp R28 Datasheet HTML 308Page - Renesas Technology Corp R28 Datasheet HTML 309Page - Renesas Technology Corp R28 Datasheet HTML 310Page - Renesas Technology Corp R28 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 288 of 441
REJ09B0279-0210
Figure 16.29
Registers SAR, ICDRT, ICDRR, and ICDRS
Slave Address Register
Symbol
Address
After Reset
SAR
00BDh
00h
Bit Symbol
Bit Name
Function
RW
b7 b6
b0
b1
b5
b3 b2
b4
RW
Format select bit
0 : I2C bus format
1 : Clock synchronous serial format
RW
FS
SVA2
SVA0
RW
SVA3
SVA1
Slave address 6 to 0
Set an address different from that of the other
slave devices w hich are connected to the I2C
bus. When the 7 high-order bits of the first
frame transmitted after the starting condition
match bits SVA0 to SVA6 in slave mode of the
I2C bus format, the MCU operates as a slave
device.
RW
RW
RW
SVA6
SVA5
SVA4
RW
RW
IIC bus Transmit Data Register
Symbol
Address
After Reset
ICDRT
00BEh
FFh
RW
b0
RW
Function
Store transmit data
When it is detected that the ICDRS register is empty, the stored transmit data item is
transferred to the ICDRS register and data transmission starts.
When the next transmit data item is w ritten to the ICDRT register during transmission of the
data in the ICDRS register, continuous transmit is enabled. When the MLS bit in the ICMR
register is set to 1 (data transferred LSB-first) and after the data is w ritten to the ICDRT
register, the MSB-LSB inverted data is read.
b7 b6 b5 b4 b3 b2 b1
IIC bus Shift Register
Symbol
ICDRS
RW
b7 b6 b5 b4 b3 b2 b1 b0
This register is used to transmit and receive data.
The transmit data is transferred from registers ICRDT to the ICDRS and data is transmitted
from the SDA pin w hen transmitting.
After 1 byte of data received, data is transferred from registers ICDRS to ICDRR w hile
receiving.
—
Function
IIC bus Receive Data Register
Symbol
Address
After Reset
ICDRR
00BFh
FFh
RW
Store receive data
When the ICDRS register receives 1 byte of data, the receive data is transferred to the ICDRR
register and the next receive operation is enabled.
RO
Function
b0
b7 b6 b5 b4 b3 b2 b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com