Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 301Page - Renesas Technology Corp R28 Datasheet HTML 302Page - Renesas Technology Corp R28 Datasheet HTML 303Page - Renesas Technology Corp R28 Datasheet HTML 304Page - Renesas Technology Corp R28 Datasheet HTML 305Page - Renesas Technology Corp R28 Datasheet HTML 306Page - Renesas Technology Corp R28 Datasheet HTML 307Page - Renesas Technology Corp R28 Datasheet HTML 308Page - Renesas Technology Corp R28 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 286 of 441
REJ09B0279-0210
Figure 16.27
ICIER Register
IIC bus Interrupt Enable Register
Symbol
Address
After Reset
ICIER
00BBh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
0 : 0 is transmitted as acknow ledge bit in
receive mode.
1 : 1 is transmitted as acknow ledge bit in
receive mode.
b0
b3 b2 b1
NAKIE
b7 b6 b5 b4
ACKE
STIE
ACKBT
RW
RW
RO
ACKBR
RW
Receive acknow ledge bit
0 : Acknow ledge bit received from
receive device in transmit mode is set to 0.
1 : Acknow ledge bit received from
receive device in transmit mode is set to 1.
Transmit acknow ledge
select bit
RIE
Receive interrupt enable
bit
0 : Disables receive data full and overrun
error interrupt request
1 : Enables receive data full and overrun
error interrupt request(1)
RW
Acknow ledge bit judgment
select bit
0 : Value of receive acknow ledge bit is ignored
and continuous transfer is performed.
1 : When receive acknow ledge bit is set to 1,
continuous transfer is halted.
RW
Stop condition detection
interrupt enable bit
0 : Disables stop condition detection interrupt
request
1 : Enables stop condition detection interrupt
request(2)
0 : Disables NACK receive interrupt request and
arbitration lost/overrun error interrupt request
1 : Enables NACK receive interrupt request and
arbitration lost/overrun error interrupt request(1)
NACK receive interrupt
enable bit
Set the STIE bit to 1 (enable stop condition detection interrupt request) w hen the STOP bit in the ICSR register is set
to 0.
0 : Disables transmit end interrupt request
1 : Enables transmit end interrupt request
RW
RW
An overrun error interrupt request is generated w hen the clock synchronous format is used.
TIE
Transmit interrupt enable
bit
0 : Disables transmit data empty interrupt request
1 : Enables transmit data empty interrupt request
TEIE
Transmit end interrupt
enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com