Electronic Components Datasheet Search
  English  ▼

X  

R8CL3AB Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R8CL3AB
Description  Household appliances, office equipment, audio equipment, consumer products, etc.
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8CL3AB Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R8CL3AB Datasheet HTML 75Page - Renesas Technology Corp R8CL3AB Datasheet HTML 76Page - Renesas Technology Corp R8CL3AB Datasheet HTML 77Page - Renesas Technology Corp R8CL3AB Datasheet HTML 78Page - Renesas Technology Corp R8CL3AB Datasheet HTML 79Page - Renesas Technology Corp R8CL3AB Datasheet HTML 80Page - Renesas Technology Corp R8CL3AB Datasheet HTML 81Page - Renesas Technology Corp R8CL3AB Datasheet HTML 82Page - Renesas Technology Corp R8CL3AB Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
A - 1
REVISION HISTORY
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group Datasheet
Rev.
Date
Description
Page
Summary
0.01
May 19, 2008
−
First Edition issued
0.02
Jul 10, 2008
3
Table 1.4
CPU Specification: Minimum instruction execution time revised
DTC Specification: Activation sources 33
→38
4
Table 1.5
R8C/L35A, R8C/L35B Groups: Specification revised
5
Table 1.6
Operating Frequency/Supply Voltage: Specification revised
6 to 13
Table 1.7 to Table 1.14
Current of May 2008
→Current of Jul 2008
10 to 11 Table 1.11 and Table 1.12 (P)
→(D)
23
Table 1.15
WKUP1
→WKUP1(3)
32
Table 4.1
RSTFR: 0XXX00XXb
→XXXX00XXb
POMCR0: 00h
→XX0000XXb
33
Table 4.2
0072h Voltage monitor 1/Compare A1 interrupt Control Register
→Voltage monitor 1/Comparator A1 interrupt Control Register
0073h Voltage monitor 2/Compare A2 interrupt Control Register
→Voltage monitor 2/Comparator A2 interrupt Control Register
36
Table 4.5
TRECR1: XXX0X0XXb
→XXXXX0XXb
38
Table 4.7
0194h
SS Transmit Data Register
→SS Transmit Data Register L
0195h
SS Transmit Data Register SSTDR
→SS Transmit Data Register H SSTDRH
0196h
SS Receive Data Register
→SS Receive Data Register L
IIC bus Shift Register ICDRS deleted
0197h
SS Receive Data Register SSRDR
→SS Receive Data Register H SSRDRH
39
Table 4.8
01E0h to 01E7h: FFh
→00h
0.10
Jul 30, 2008
3
Table 1.4
Watchdog Timer: Specification 15 bits
→14 bits
5
Table 1.6
Flash Memory: Function R8C/L36B Group
→R8C/L36A Group
14 to 17 Figure 1.9 to Figure 1.12
Watchdog Timer 15 bits
→14 bits
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group Datasheet
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com